Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833U/2DA Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 55Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 56Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 57Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 58Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 59Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 60Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 61Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 62Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 112 page
background image
2003 Feb 14
59
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.44
TEMPERATURE READBACK
The PCF8833 has a built-in temperature readback
(RDTEMP) measurement device. The measured value is
provided as an 8-bit digital value TD[7:0] which can be
read back via the interface.
The temperature can be determined from TD[7:0] using
the following formula:
(12)
Temperature measurements are started automatically
every ten seconds when the digital temperature
compensation is active (default).
A measurement can be initiated by sending the instruction
to set TCVOPE (to either logic 1 or logic 0), irrespective of
whether temperature compensation is disabled or not.
After initialization, the measurement will take
approximately 5 ms to complete. It is recommended to
read the register twice to qualify the returned result,
especially if the measurement is triggered automatically.
The input and output data format for the temperature
readback is given in Table 73.
T
0.9375
TD
40
–
×
()°C
=
Table 72 Temperature readback register bits
Table 73 Temperature readback data format
6.2.45
N-LINE INVERSION
The N-line inversion (NLI) command inverts the row functions after N-line row time slots in order to avoid a DC
component on the LCD display. Thus, when N-line is set to 19DEC inversion of the row functions will occur after 76 rows.
With FINV = 1 (see Section 6.2.34) the super-frame inversion is active and the NLI counter always starts at super-frame
start.
When FINV = 0 a DC voltage may remain on the display depending on the NLI setting. When FINV = 0 and NLI = 0 there
is no inversion, which results in a DC voltage on the display.
Table 74 N-line inversion register bits
Table 75 N-line inversion
D/C
76543210
DEFAULT
011011000
C8H
SYMBOL
D/C
76543210
DEFAULT
(S)DIN
011011000
C8H
(S)DOUT
−
TD[7]
TD[6]
TD[5]
TD[4]
TD[3]
TD[2]
TD[1]
TD[0]
XX
D/C
76543210
DEFAULT
0
11001001
C9H
1
NLI7
NLI6
NLI5
NLI4
NLI3
NLI2
NLI1
NLI0
13H
NLI[7:0]
DESCRIPTION
0000 0000
no N-line inversion (super frame inversion)
0000 0001
inversion after 4 rows in full Display mode or 1 row in Partial mode
0000 0010
inversion after 8 rows in full Display mode or 2 rows in Partial mode
::



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com