Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833U/2DA Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 47Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 48Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 49Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 50Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 51Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 52Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 53Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 54Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 112 page
background image
2003 Feb 14
51
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Table 57 Temperature compensated frame frequency reset state
6.2.37
TEMPERATURE COMPENSATED VLCD
The PCF8833 incorporates a temperature segmented VOP programming; see Section 6.2.40. By using the temperature
compensated VLCD (TCVOPE) command the temperature segmented VLCD can be disabled.
The TCVOPE control bit reset state is defined in Table 59.
When the non-segmented VLCD programming is chosen the LCD supply voltage is flat, i.e. no compensation over the
specified temperature range (offset VT in Fig.30 is 0).
The TCVOPE command is also used to read back the temperature via the interface; see Section 6.2.44.
Table 58 Temperature segmented VLCD register bits
Table 59 Temperature segmented VLCD reset state
6.2.38
INTERNAL OR EXTERNAL OSCILLATOR
The Internal/external oscillator (EC) command selects the internal or external oscillator. When an external oscillator is
used the external clock signal has to be connected to the OSC pad; see Section 7.6.
The EC control bit reset state is defined in Table 61.
Table 60 Internal/external oscillator register bits
Table 61 Internal/external oscillator reset state
BIT
LOGIC 0
LOGIC 1 (RESET STATE)
TCDFE
non-segmented frame frequency
segmented frame frequency
D/C
7
6543210
DEFAULT
0
1
0
1
1
1
1
1
TCVOPE
BFH
BIT
LOGIC 0
LOGIC 1 (RESET STATE)
TCVOPE
no temperature compensated VLCD
segmented temperature compensated VLCD
D/C
7
6543210
DEFAULT
0
1
100000
EC
C0H
BIT
LOGIC 0 (RESET STATE)
LOGIC 1
EC
internal oscillator
external clock applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com