Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833U/2DA Datasheet(PDF) 62 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 58Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 59Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 60Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 61Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 62Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 63Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 64Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 65Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 112 page
background image
2003 Feb 14
62
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
7.1.3
DISPLAY DATA FORMATTING
Different display data formats are available because
different colour depths are supported by the PCF8833.
The colour depths supported are as follows:
• 4 kbyte colours (12-bit/pixel), RGB 4 :4:4 bits input;
see Table 82. The data coming from the interface is
directly stored in RAM.
• 65 kbyte colours (16-bit/pixel), RGB 5 : 6 : 5 bits input;
see Table 83. The 16-bit data coming from the interface
is mapped by means of dithering to 12-bit data. The
dithered 12-bit data is then stored in the RAM.
• 256 colours (8-bit/pixel), RGB 3:3:2 bits input; see
Table 84. The 8-bit data coming from the interface is
mapped by means of the Look-Up Table (LUT) (see
Section 6.2.22) to 12-bit data. The mapped 12-bit data
is then stored in the RAM.
There are 3 bytes used to define 2 pixels with the 12-bit
colour depth information; see Table 82. The most
significant bits are R3, G3 and B3. Data is transferred to
the RAM only when all the information i.e. RGB data of that
particular pixel is sent.
There are 2 bytes used to transfer 1 pixel with the 16-bit
colour depth information; see Table 83. The most
significant bits are R4, G5 and B4. When the data transfer
is stopped after the first write, the data is not transferred to
the display data RAM. The 16-bit data coming from the
interface is mapped by means of dithering to 12-bit data.
The dithered 12-bit data is then stored in the RAM.
In one byte, 1 pixel is transferred with the 8-bit colour
depth information; see Table 84. The most significant bits
are R2, G2 and B1. The 8-bit data coming from the
interface is mapped by means of a look-up table (see
Section 6.2.22) to 12-bit data. The mapped 12-bit data is
then stored in the RAM.
Table 82 Write data for RGB 4 :4:4 bits input
Table 83 Write data for RGB 5 :6:5 bits input
Table 84 Write data for RGB 3 :3:2 bits input
7.2
Display data RAM and access arbiter
7.2.1
DISPLAY DATA RAM
The PCF8833 has an integrated 132
× 132 × 12-bit single port static RAM. This 209 kbit memory allows a 132 × 132
(RGB) image with a 12-bpp resolution (4 kbyte colour) to be stored on-chip.
BYTE
D/C
7
6543210
1st write
1
R3
R2
R1
R0
G3
G2
G1
G0
2nd write
1
B3
B2
B1
B0
R3
R2
R1
R0
3rd write
1
G3
G2
G1
G0
B3
B2
B1
B0
BYTE
D/C
7
6543210
1st write
1
R4
R3
R2
R1
R0
G5
G4
G3
2nd write
1
G2
G1
G0
B4
B3
B2
B1
B0
BYTE
D/C
7
6543210
1st write
1
R2
R1
R0
G2
G1
G0
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com