Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833U/2DA Datasheet(PDF) 90 Page - NXP Semiconductors

Part # PCF8833U/2DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833U/2DA Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button PCF8833U/2DA Datasheet HTML 86Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 87Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 88Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 89Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 90Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 91Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 92Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 93Page - NXP Semiconductors PCF8833U/2DA Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 112 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 97 Sequence to program OTP cells
STEP
D/C
COMMAND BYTE(1)
ADDR
DESCRIPTION
7
654321
0
0
set VOTP(gate) =0V; VOTP(drain) =0V
1
0
0
000000
1
01
reset (may also be hardware reset)
2
wait 1 ms for refresh to take effect
3
set VOTP(gate) =8V; VOTP(drain) =8V
4
0
1
111000
0
F0
enter CALMM mode
1
X
X
0
0
0
X
0
1
01
ORA = 000; OPE = 0; CALMM = 1
5
0
1
111000
1
F1
send OTPSHTIN; note 2
shift15
1
X
X
PVB3
PVB2
PVB1
PVB0
BRS
TRS
set PVB[3:0]; BRS and TRS
shift14
1
X
X
FVB3
FVB2
FVB1
FVB0
VCBW
EFD
set FVB[3:0]; VCBW and EFD; note 3
:
shift0
1
x
MMVOP5 MMVOP4 MMVOP3 MMVOP2 MMVOP1 MMVOP0
0
set MMVOP[5:0] and SEAL = 0
6
0
1
111000
0
F0
select row 0 in OTP matrix
1
X
X
0
0
0
X
0
1
01
ORA = 000; OPE = 0; CALMM = 1
7
0
1
111000
0
F0
enable programming
1
X
X
0
0
0
X
1
1
03
ORA = 000; OPE = 1; CALMM = 1
8
wait for 50 ms until OTP cells are
programmed
9
0
1
111000
0
F0
disable programming
1
X
X
0
0
0
X
0
1
01
ORA = 000; OPE = 0; CALMM = 1
10
0
1
111000
0
F0
select row 1 in OTP matrix
1
X
X
0
0
1
X
0
1
09
ORA = 001; OPE = 0; CALMM = 1
11
0
1
111000
0
F0
enable programming
1
X
X
0
0
1
X
1
1
0B
ORA = 001; OPE = 1; CALMM = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com