Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563210DDFR Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS563210DDFR Datasheet HTML 12Page - Texas Instruments TPS563210DDFR Datasheet HTML 13Page - Texas Instruments TPS563210DDFR Datasheet HTML 14Page - Texas Instruments TPS563210DDFR Datasheet HTML 15Page - Texas Instruments TPS563210DDFR Datasheet HTML 16Page - Texas Instruments TPS563210DDFR Datasheet HTML 17Page - Texas Instruments TPS563210DDFR Datasheet HTML 18Page - Texas Instruments TPS563210DDFR Datasheet HTML 19Page - Texas Instruments TPS563210DDFR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Input Voltage (V)
4
6
8
10
12
14
16
18
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D010
V = 50 mV / div (ac coupled)
I
Time = 1 µsec / div
SW = 5 V / div
I = 2 A
O
Output Current (A)
0
0.5
1
1.5
2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D008
Output Current (A)
0
0.5
1
1.5
2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D009
Output Current (A)
0
0.5
1
1.5
2
0
10
20
30
40
50
60
70
80
90
100
D006
VIN = 5V
VIN = 12V
Output Current (A)
0.001
0.01 0.02
0.05 0.1 0.2
0.5
1
2 3 4 5
5
0
10
20
30
40
50
60
70
80
90
100
D007
VIN = 5V
VIN = 12V
TPS562210, TPS563210
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
www.ti.com
9.2.1.2.4
Bootstrap capacitor Selection
A 0.1µF ceramic capacitor must be connected between the VBST to SW pin for proper operation. It is
recommended to use a ceramic capacitor.
9.2.1.3 Application Curves
The following application curves were generated using the application circuit of Figure 18.
Figure 19. TPS562210 Efficiency
Figure 20. TPS562210 Light Load Efficiency
Figure 21. TPS562210 Load Regulation, VI = 5 V
Figure 22. TPS562210 Load Regulation, VI = 12 V
Figure 24. TPS562210 Input Voltage Ripple
Figure 23. TPS562210 Line Regulation
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS562210 TPS563210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com