Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563210DDFR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Datasheet(HTML) 2 Page - Texas Instruments

  TPS563210DDFR Datasheet HTML 1Page - Texas Instruments TPS563210DDFR Datasheet HTML 2Page - Texas Instruments TPS563210DDFR Datasheet HTML 3Page - Texas Instruments TPS563210DDFR Datasheet HTML 4Page - Texas Instruments TPS563210DDFR Datasheet HTML 5Page - Texas Instruments TPS563210DDFR Datasheet HTML 6Page - Texas Instruments TPS563210DDFR Datasheet HTML 7Page - Texas Instruments TPS563210DDFR Datasheet HTML 8Page - Texas Instruments TPS563210DDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TPS562210, TPS563210
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ...................................... 11
1
Features .................................................................. 1
8.3
Feature Description................................................. 11
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 13
3
Description ............................................................. 1
9
Application and Implementation ........................ 14
4
Simplified Schematic............................................. 1
9.1
Application Information............................................ 14
5
Revision History..................................................... 2
9.2
Typical Application ................................................. 14
6
Pin Configuration and Functions ......................... 3
10
Power Supply Recommendations ..................... 23
7
Specifications......................................................... 4
11
Layout................................................................... 24
7.1
Absolute Maximum Ratings ...................................... 4
11.1
Layout Guidelines ................................................. 24
7.2
ESD Ratings ............................................................ 4
11.2
Layout Example .................................................... 24
7.3
Recommended Operating Conditions ....................... 4
12
Device and Documentation Support ................. 25
7.4
Thermal Information .................................................. 4
12.1
Related Links ........................................................ 25
7.5
Electrical Characteristics........................................... 5
12.2
Community Resources.......................................... 25
7.6
Timing Requirements ................................................ 6
12.3
Trademarks ........................................................... 25
7.7
Typical Characteristics: TPS562210 ......................... 7
12.4
Electrostatic Discharge Caution ............................ 25
7.8
Typical Characteristics: TPS563210 ......................... 9
12.5
Glossary ................................................................ 25
8
Detailed Description ............................................ 11
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 11
Information ........................................................... 26
5 Revision History
Changes from Original (February 2015) to Revision A
Page
•
Changed the Thermal Information values for TPS563210. .................................................................................................... 4
•
Changed the VFBTH values in the Electrical Characteristics From: MIN = 757, MAX = 773 To: MIN = 758, MAX = 772 ..... 5
•
Changed IVFB spec UNIT from "mA" to "µA"........................................................................................................................... 5
•
Changed THiccupOn in the Electrical Characteristics From TYP = 1 ms To: TYP = 1 cycle .................................................... 5
•
Changed THiccupOff in the Electrical Characteristics From TYP = 1.7 ms To: TYP = 7 cycles ............................................... 5
•
Changed Vout = 5V to Vout = 1.8V in Figure 6 ..................................................................................................................... 7
•
Changed column heading C8 + C9 (
μF) To: C6 + C7 + C8 (μF) in Table 2 ....................................................................... 15
•
Changed column heading C8 + C9 (
μF) To: C6 + C7 + C8 (μF) in Table 4 ........................................................................ 19
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS562210 TPS563210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com