Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563210DDFR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS563210DDFR Datasheet HTML 6Page - Texas Instruments TPS563210DDFR Datasheet HTML 7Page - Texas Instruments TPS563210DDFR Datasheet HTML 8Page - Texas Instruments TPS563210DDFR Datasheet HTML 9Page - Texas Instruments TPS563210DDFR Datasheet HTML 10Page - Texas Instruments TPS563210DDFR Datasheet HTML 11Page - Texas Instruments TPS563210DDFR Datasheet HTML 12Page - Texas Instruments TPS563210DDFR Datasheet HTML 13Page - Texas Instruments TPS563210DDFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
400
450
500
550
600
650
700
750
800
4
6
8
10
12
14
16
18
Input Voltage (V)
Vo = 0.76V
Vo = 1.05V
Vo = 6.5V
C025
0
100
200
300
400
500
600
700
800
0.01
0.1
1
10
Output Current (A)
Vo = 0.76V
Vo = 1.05V
Vo = 6.5V
C026
TPS562210, TPS563210
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics: TPS563210 (continued)
VIN = 12V (unless otherwise noted)
Figure 15. Switching Frequency vs Input Voltage
Figure 16. Switching Frequency vs Output Current
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS562210 TPS563210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com