Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563210DDFR Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS563210DDFR Datasheet HTML 16Page - Texas Instruments TPS563210DDFR Datasheet HTML 17Page - Texas Instruments TPS563210DDFR Datasheet HTML 18Page - Texas Instruments TPS563210DDFR Datasheet HTML 19Page - Texas Instruments TPS563210DDFR Datasheet HTML 20Page - Texas Instruments TPS563210DDFR Datasheet HTML 21Page - Texas Instruments TPS563210DDFR Datasheet HTML 22Page - Texas Instruments TPS563210DDFR Datasheet HTML 23Page - Texas Instruments TPS563210DDFR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Output Current (A)
0
0.5
1
1.5
2
2.5
3
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D003
Output Current (A)
0
0.5
1
1.5
2
2.5
3
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D004
Output Current (A)
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
70
80
90
100
D001
VIN = 5V
VIN = 12V
Output Current (A)
0.001
0.01 0.02
0.05 0.1 0.2
0.5
1
2 3 4 5
5
0
10
20
30
40
50
60
70
80
90
100
D002
VIN = 5V
VIN = 12V
l
2
2
LO(RMS)
O
P P
1
I
I
I
12
-
=
+
l
l
P P
PEAK
O
I
I
I
2
-
=
+
IN(MAX)
OUT
OUT
P P
IN(MAX)
O
SW
V
V
V
I
V
L
ƒ
-
-
=
´
´
l
TPS562210, TPS563210
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
www.ti.com
(9)
(10)
(11)
For this design example, the calculated peak current is 3.505 A and the calculated RMS current is 3.014 A. The
inductor used is a TDK CLF7045T-1R5N with a peak current rating of 7.3-A and an RMS current rating of 4.9-A.
The capacitor value and ESR determines the amount of output voltage ripple. The TPS563209 is intended for
use with ceramic or other low ESR capacitors. Recommended values range from 20
μF to 68 μF. Use Equation 7
to determine the required RMS current rating for the output capacitor. For this design three TDK
C3216X5R0J226M 22
μF output capacitors are used. The typical ESR is 2 mΩ each. The calculated RMS
current is 0.292A and each output capacitor is rated for 4 A.
9.2.2.3 Application Curves
The following application curves were generated using the application circuit of Figure 33.
Figure 34. TPS563210 Efficiency
Figure 35. TPS563210 Light Load Efficiency
Figure 36. TPS563210 Load Regulation, VI = 5 V
Figure 37. TPS563210 Load Regulation, VI = 12 V
20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS562210 TPS563210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com