Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563210DDFR Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS563210DDFR Datasheet HTML 13Page - Texas Instruments TPS563210DDFR Datasheet HTML 14Page - Texas Instruments TPS563210DDFR Datasheet HTML 15Page - Texas Instruments TPS563210DDFR Datasheet HTML 16Page - Texas Instruments TPS563210DDFR Datasheet HTML 17Page - Texas Instruments TPS563210DDFR Datasheet HTML 18Page - Texas Instruments TPS563210DDFR Datasheet HTML 19Page - Texas Instruments TPS563210DDFR Datasheet HTML 20Page - Texas Instruments TPS563210DDFR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
V = 500 mV / div
O
Time = 1 msec / div
SS = 5 V / div
PG = 1 V / div
V = 10 V / div
I
EN = 10 V / div
V = 500 mV / div
O
Time = 1 msec / div
SS = 5 V / div
PG = 1 V / div
V = 20 mV / div (ac coupled)
O
Time = 1 µsec / div
SW = 5 V / div
I = 2 A
O
V = 50 mV / div (ac coupled)
O
Time = 200 µsec / div
I = 500 mA / div
O
Load step = 0.5 A - 1.5 A
Slew rate = 500 mA / µsec
V = 20 mV / div (ac coupled)
O
Time = 1 µsec / div
SW = 5 V / div
I = 200 mA
O
V = 20 mV / div (ac coupled)
O
Time = 5 msec / div
SW = 5 V / div
I = 0 A
O
TPS562210, TPS563210
www.ti.com
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
The following application curves were generated using the application circuit of Figure 18.
Figure 25. TPS562210 Output Voltage Ripple
Figure 26. TPS562210 Output Voltage Ripple
Figure 28. TPS562210 Transient Response
Figure 27. TPS562210 Output Voltage Ripple
Figure 29. TPS562210 Start Up Relative To VI
Figure 30. TPS562210 Start Up Relative To En
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS562210 TPS563210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com