Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563210DDFR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS563210DDFR Datasheet HTML 9Page - Texas Instruments TPS563210DDFR Datasheet HTML 10Page - Texas Instruments TPS563210DDFR Datasheet HTML 11Page - Texas Instruments TPS563210DDFR Datasheet HTML 12Page - Texas Instruments TPS563210DDFR Datasheet HTML 13Page - Texas Instruments TPS563210DDFR Datasheet HTML 14Page - Texas Instruments TPS563210DDFR Datasheet HTML 15Page - Texas Instruments TPS563210DDFR Datasheet HTML 16Page - Texas Instruments TPS563210DDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
(
)
IN
OUT
OUT
OUT(LL)
SW
IN
V
V
V
1
I
2 L f
V
-
´
=
´
´ ´
TPS562210, TPS563210
www.ti.com
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
Feature Description (continued)
8.3.6 UVLO Protection
Under voltage lock out protection (UVLO) monitors the internal regulator voltage. When the voltage is lower than
UVLO threshold voltage, the device is shut off. This protection is non-latching.
8.3.7 Thermal Shutdown
The device monitors the temperature of itself. If the temperature exceeds the threshold value (typically 155°C),
the device is shut off. This is a non-latch protection.
8.4 Device Functional Modes
8.4.1 Advanced Eco-Mode™ Control
The TPS562210 and TPS563210 are designed with Advanced Eco-mode™ to maintain high light load efficiency.
As the output current decreases from heavy load condition, the inductor current is also reduced and eventually
comes to point that its rippled valley touches zero level, which is the boundary between continuous conduction
and discontinuous conduction modes. The rectifying MOSFET is turned off when the zero inductor current is
detected. As the load current further decreases the converter runs into discontinuous conduction mode. The on-
time is kept almost the same as it was in the continuous conduction mode so that it takes longer time to
discharge the output capacitor with smaller load current to the level of the reference voltage. This makes the
switching frequency lower, proportional to the load current, and keeps the light load efficiency high. The transition
point to the light load operation IOUT(LL) current can be calculated in Equation 2.
(2)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS562210 TPS563210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com