Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563210DDFR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Datasheet(HTML) 4 Page - Texas Instruments

  TPS563210DDFR Datasheet HTML 1Page - Texas Instruments TPS563210DDFR Datasheet HTML 2Page - Texas Instruments TPS563210DDFR Datasheet HTML 3Page - Texas Instruments TPS563210DDFR Datasheet HTML 4Page - Texas Instruments TPS563210DDFR Datasheet HTML 5Page - Texas Instruments TPS563210DDFR Datasheet HTML 6Page - Texas Instruments TPS563210DDFR Datasheet HTML 7Page - Texas Instruments TPS563210DDFR Datasheet HTML 8Page - Texas Instruments TPS563210DDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS562210, TPS563210
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
TJ = -40°C to 150°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, EN
–0.3
19
V
VBST
–0.3
25
V
VBST (10 ns transient)
–0.3
27.5
V
VBST (vs SW)
–0.3
6.5
V
Input voltage range
VFB, PG
–0.3
6.5
V
SS
–0.3
5.5
V
SW
–2
19
V
SW (10 ns transient)
–3.5
21
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
TJ = –40°C to 150°C (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply input voltage range
4.5
17
V
VBST
–0.1
23
V
VBST (10 ns transient)
–0.1
26
V
VBST(vs SW)
–0.1
6
V
EN
–0.1
17
V
VI
Input voltage range
VFB, pg
–0.1
5.5
V
SS
–0.1
5
V
SW
–1.8
17
V
SW (10 ns transient)
–3.5
20
V
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
TPS562210
TPS563210
THERMAL METRIC(1)
UNIT
DDF (8 PINS)
RθJA
Junction-to-ambient thermal resistance
106.1
87.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
49.1
41.6
°C/W
RθJB
Junction-to-board thermal resistance
10.9
14.6
°C/W
ψJT
Junction-to-top characterization parameter
8.6
4.7
°C/W
ψJB
Junction-to-board characterization parameter
10.8
14.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS562210 TPS563210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com