Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563210DDFR Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS563210DDFR Datasheet HTML 15Page - Texas Instruments TPS563210DDFR Datasheet HTML 16Page - Texas Instruments TPS563210DDFR Datasheet HTML 17Page - Texas Instruments TPS563210DDFR Datasheet HTML 18Page - Texas Instruments TPS563210DDFR Datasheet HTML 19Page - Texas Instruments TPS563210DDFR Datasheet HTML 20Page - Texas Instruments TPS563210DDFR Datasheet HTML 21Page - Texas Instruments TPS563210DDFR Datasheet HTML 22Page - Texas Instruments TPS563210DDFR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
10µF
C3
22µF
C6
22µF
C7
L1
1.5uH
10µF
C2
0.1µF
C1
10.0k
R2
3.74k
R1
0.1µF
C5
22µF
C8
10.0k
R3
GND
1
SW
2
VIN
3
PG
4
SS
5
VFB
6
EN
7
VBST
8
U1
TPS563210DDF
8200pF
C4
100k
R4
VIN = 4.5 - 17 V
VOUT = 1.05 V, 3 A
VOUT
EN
VIN
PG
TPS562210, TPS563210
www.ti.com
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
The following application curves were generated using the application circuit of Figure 18.
9.2.2 TPS563210 4.5-V To 17-V Input, 1.05-V Output Converter
Figure 33. TPS563210 1.05 V / 3A Reference Design
9.2.2.1
Design Requirements
For this design example, use the parameters shown in Table 3.
Table 3. Design Parameters
PARAMETER
VALUE
Input voltage range
4.5 V to 17 V
Output voltage
1.05 V
Output current
3 A
Output voltage ripple
20 mVpp
9.2.2.2 Detailed Design Procedures
The detailed design procedure for TPS563210 is the same as for TPS562210 except for inductor selection.
9.2.2.2.1
Output Filter Selection
Table 4. TPS563210 Recommended Component Values
L1 (µH)
Output Voltage (V)
R2 (k
Ω)
R3 (k
Ω)
C6 + C7 + C8 (µF)
MIN
TYP
MAX
1
3.09
10.0
1.0
1.5
4.7
20 - 68
1.05
3.74
10.0
1.0
1.5
4.7
20 - 68
1.2
5.76
10.0
1.0
1.5
4.7
20 - 68
1.5
9.53
10.0
1.0
1.5
4.7
20 - 68
1.8
13.7
10.0
1.5
2.2
4.7
20 - 68
2.5
22.6
10.0
1.5
2.2
4.7
20 - 68
3.3
33.2
10.0
1.5
2.2
4.7
20 - 68
5
54.9
10.0
2.2
3.3
4.7
20 - 68
6.5
75
10.0
2.2
3.3
4.7
20 - 68
The inductor peak-to-peak ripple current, peak current and RMS current are calculated using Equation 9,
Equation 10 and Equation 11. The inductor saturation current rating must be greater than the calculated peak
current and the RMS or heating current rating must be greater than the calculated RMS current. Use 650 kHz for
ƒSW.
Use 650 kHz for ƒSW. Make sure the chosen inductor is rated for the peak current of Equation 10 and the RMS
current of Equation 11.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPS562210 TPS563210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com