Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563210DDFR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS563210DDFR Datasheet HTML 17Page - Texas Instruments TPS563210DDFR Datasheet HTML 18Page - Texas Instruments TPS563210DDFR Datasheet HTML 19Page - Texas Instruments TPS563210DDFR Datasheet HTML 20Page - Texas Instruments TPS563210DDFR Datasheet HTML 21Page - Texas Instruments TPS563210DDFR Datasheet HTML 22Page - Texas Instruments TPS563210DDFR Datasheet HTML 23Page - Texas Instruments TPS563210DDFR Datasheet HTML 24Page - Texas Instruments TPS563210DDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
V = 20 mV / div (ac coupled)
O
Time = 1 µsec / div
SW = 5 V / div
I = 3 A
O
V = 50 mV / div (ac coupled)
O
Time = 200 µsec / div
I = 1 A / div
O
Load step = 0.75 A - 2.25 A
Slew rate = 500 mA / µsec
V = 20 mV / div (ac coupled)
O
Time = 1 µsec / div
SW = 5 V / div
I = 300 mA
O
V = 20 mV / div (ac coupled)
O
Time = 5 msec / div
SW = 5 V / div
I = 0 A
O
Input Voltage (V)
4
6
8
10
12
14
16
18
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D005
V = 50 mV / div (ac coupled)
I
Time = 1 µsec / div
SW = 5 V / div
I = 3 A
O
TPS562210, TPS563210
www.ti.com
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
The following application curves were generated using the application circuit of Figure 33.
Figure 39. TPS563210 Input Voltage Ripple
Figure 38. TPS563210 Line Regulation
Figure 40. TPS563210 Output Voltage Ripple
Figure 41. TPS563210 Output Voltage Ripple
Figure 43. TPS563210 Transient Response
Figure 42. TPS563210 Output Voltage Ripple
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS562210 TPS563210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com