Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563210DDFR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS563210DDFR Datasheet HTML 18Page - Texas Instruments TPS563210DDFR Datasheet HTML 19Page - Texas Instruments TPS563210DDFR Datasheet HTML 20Page - Texas Instruments TPS563210DDFR Datasheet HTML 21Page - Texas Instruments TPS563210DDFR Datasheet HTML 22Page - Texas Instruments TPS563210DDFR Datasheet HTML 23Page - Texas Instruments TPS563210DDFR Datasheet HTML 24Page - Texas Instruments TPS563210DDFR Datasheet HTML 25Page - Texas Instruments TPS563210DDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
V = 500 mV / div
O
Time = 5 msec / div
SS = 5 V / div
PG = 1 V / div
V = 10 V / div
I
EN = 10 V / div
V = 500 mV / div
O
Time = 5 msec / div
SS = 5 V / div
PG = 1 V / div
V = 500 mV / div
O
Time = 1 msec / div
SS = 5 V / div
PG = 1 V / div
V = 10 V / div
I
EN = 10 V / div
V = 500 mV / div
O
Time = 1 msec / div
SS = 5 V / div
PG = 1 V / div
TPS562210, TPS563210
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
www.ti.com
The following application curves were generated using the application circuit of Figure 33.
Figure 44. TPS563210 Start Up Relative To VI
Figure 45. TPS563210 Start Up Relative To EN
Figure 46. TPS563210 Shut Down Relative To VI
Figure 47. TPS563210 Shut Down Relative To EN
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS562210 TPS563210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com