Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563210DDFR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Datasheet(HTML) 3 Page - Texas Instruments

  TPS563210DDFR Datasheet HTML 1Page - Texas Instruments TPS563210DDFR Datasheet HTML 2Page - Texas Instruments TPS563210DDFR Datasheet HTML 3Page - Texas Instruments TPS563210DDFR Datasheet HTML 4Page - Texas Instruments TPS563210DDFR Datasheet HTML 5Page - Texas Instruments TPS563210DDFR Datasheet HTML 6Page - Texas Instruments TPS563210DDFR Datasheet HTML 7Page - Texas Instruments TPS563210DDFR Datasheet HTML 8Page - Texas Instruments TPS563210DDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
SW
VBST
VFB
GND
2
3
1
EN
6
8
7
VIN
4
5
SS
PG
TPS562210, TPS563210
www.ti.com
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
6 Pin Configuration and Functions
DDF Package
8 Pin
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
Ground pin Source terminal of low-side power NFET as well as the ground terminal for controller circuit. Connect
GND
1
sensitive VFB to this GND at a single point.
SW
2
Switch node connection between high-side NFET and low-side NFET.
VIN
3
Input voltage supply pin. The drain terminal of high-side power NFET.
PG
4
Power good open drain output
SS
5
Soft-start control. An external capacitor should be connected to GND.
VFB
6
Converter feedback input. Connect to output voltage with feedback resistor divider.
EN
7
Enable input control. Active high and must be pulled up to enable the device.
VBST
8
Supply input for the high-side NFET gate drive circuit. Connect 0.1 µF capacitor between VBST and SW pins.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS562210 TPS563210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com