Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS563210DDFR Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS563210DDFR Datasheet HTML 10Page - Texas Instruments TPS563210DDFR Datasheet HTML 11Page - Texas Instruments TPS563210DDFR Datasheet HTML 12Page - Texas Instruments TPS563210DDFR Datasheet HTML 13Page - Texas Instruments TPS563210DDFR Datasheet HTML 14Page - Texas Instruments TPS563210DDFR Datasheet HTML 15Page - Texas Instruments TPS563210DDFR Datasheet HTML 16Page - Texas Instruments TPS563210DDFR Datasheet HTML 17Page - Texas Instruments TPS563210DDFR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
P
OUT
OUT
1
F
2
L
C
=
p
´
OUT
R1
V
0.765
1
R2
æ
ö
=
´
+
ç
÷
è
ø
10µF
C3
22µF
C6
22µF
C7
L1
2.2uH
10µF
C2
0.1µF
C1
10.0k
R2
3.74k
R1
0.1µF
C5
22µF
C8
10.0k
R3
GND
1
SW
2
VIN
3
PG
4
SS
5
VFB
6
EN
7
VBST
8
U1
TPS562210DDF
8200pF
C4
100k
R4
VIN = 4.5 - 17 V
VOUT = 1.05 V, 2 A
VOUT
EN
VIN
PG
TPS562210, TPS563210
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TPS562210 and TPS563210 are typically used as step down converters, which convert a voltage from 4.5 V
to 17 V to a lower voltage. Webench software is available to aid in the design and analysis of circuits.
9.2 Typical Application
9.2.1 TPS562210 4.5-V to 17-V Input, 1.05-V output Converter
Figure 18. TPS562210 1.05V/2A Reference Design
9.2.1.1 Design Requirements
For this design example, use the parameters shown in Table 1.
Table 1. Design Parameters
PARAMETER
VALUES
Input voltage range
4.5 V to 17 V
Output voltage
1.05 V
Output current
2 A
Output voltage ripple
20 mVp-p
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
Output Voltage Resistors Selection
The output voltage is set with a resistor divider from the output node to the VFB pin. It is recommended to use
1% tolerance or better divider resistors. Start by using Equation 3 to calculate VOUT.
To improve efficiency at light loads consider using larger value resistors, too high of resistance are more
susceptible to noise and voltage errors from the VFB input current are more noticeable.
(3)
9.2.1.2.2
Output Filter Selection
The LC filter used as the output filter has double pole at:
(4)
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS562210 TPS563210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com