Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552AIJ68 Datasheet(PDF) 12 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 12 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 8Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 9Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 10Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 11Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 12Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 13Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 14Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 15Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
12
ST16C552/552A
Rev. 3.40
same system design. The rate table is configured via the
DLL and DLM internal register functions. Customized
Baud Rates can be achieved by selecting the proper
divisor values for the MSB and LSB sections of baud rate
generator.
Programming the Baud Rate Generator Registers
DLM (MSB) and DLL (LSB) provides a user capability
for selecting the desired final baud rate. The example in
Table 5 below, shows the selectable baud rate table
available when using a 1.8432 MHz external clock
input.
Table 5, BAUD RATE GENERATOR PROGRAMMING TABLE (1.8432 MHz CLOCK):
Output
Output
User
DLM
DLL
Baud Rate
16 x Clock
16 x Clock
Program
Program
MCR
Divisor
Divisor
Value
Value
(Decimal)
(HEX)
(HEX)
(HEX)
50
2304
900
09
00
110
1047
417
04
17
150
768
300
03
00
300
384
180
01
80
600
192
C0
00
C0
1200
96
60
00
60
2400
48
30
00
30
4800
24
18
00
18
7200
16
10
00
10
9600
12
0C
00
0C
19.2k
6
06
00
06
38.4k
3
03
00
03
57.6k
2
02
00
02
115.2k
1
01
00
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com