Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552AIJ68 Datasheet(PDF) 39 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 39 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 31Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 32Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 33Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 34Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 35Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 36Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 37Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 38Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 39Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
39
ST16C552/552A
Rev. 3.40
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to
improve design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any circuits
described herein, conveys no license under any patent or other right, and makes no representation that the circuits
are free of patent infringement. Charts and schedules contained here in are only for illustration purposes and may
vary depending upon a user's specific application. While the information in this publication has been carefully
checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure
of the product can reasonably be expected to cause failure of the life support system or to significantly affect its
safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation receives,
in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user
assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 2003 EXAR Corporation
Datasheet September 2003
Send your UART technical inquiry with technical details to hotline: uarttechsupport@exar.com
Reproduction, in part or whole, without prior written consent of EXAR Corporation is prohibited.
EXPLANATION OF DATA SHEET REVISIONS:
FROM
TO
CHANGES
DATE
3.30
3.40
Added revision history. Added Device Status in Ordering Information.
Dec 2003
Device revisions of "F" and newer have 5V tolerant inputs except for
XTAL1 and printer port inputs. Device revisions of "E" and older do not
have 5V tolerant inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com