Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552AIJ68 Datasheet(PDF) 24 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 24 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 20Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 21Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 22Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 23Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 24Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 25Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 26Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 27Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 28Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24
ST16C552/552A
Rev. 3.40
MSR BIT-6:
RI (active high, logical 1). Normally this bit is the
compliment of the -RI input. In the loop-back mode
this bit is equivalent to MCR bit-2 in the MCR register.
MSR BIT-7:
CD (active high, logical 1). Normally this bit is the
compliment of the -CD input. In the loop-back mode
this bit is equivalent to MCR bit-3 in the MCR register.
Note: Whenever any MSR bit 0-3: is set to logic “1”, a
MODEM Status Interrupt will be generated.
Scratchpad Register (SPR)
The ST16C552/552A provides a temporary data reg-
ister to store 8 bits of user information.
PRINTER PORT REGISTER DESCRIPTIONS
Port Register (PR)
PR BIT 0-7:
Printer Data port (Bi-directional) - These pins are the
eight bit data bus for transferring information to or
from an external device (usually a printer). D0 is the
least significant bit. PD7-PD0 are latched during a
write cycle (output mode).
I/O Select Register (IOSEL)
This bit is used in conjunction with the state of BIDEN
to set the direction (input/output) of the PD7-PD0 data
bus. This register is used only when BIDEN is a logic
0.
Logic 55 (Hex) + BIDEN 0 = PD7-PD0 are set for
output mode
Logic AA (Hex) + BIDEN 0 = PD7-PD0 are set for input
mode
Status Register (SR)
This register provides the printer port input logical
states and the status of the interrupt -INTP based on
the condition of the -ACK printer port interface signal.
The logical state of these pins is dependent on exter-
nal interface signals.
SR BIT 1-0:
Not Used - initialized to a logic 1.
SR BIT-2:
Logic 0 = an interrupt is pending
When INTSEL is a logic 0, SR bit-2 basically tracks the
-ACK input interface pin (returns to a logic 1 when the
-ACK input returns to a logic 1). However when
INTSEL is a logic 1, the latched mode is selected, SR
bit-2 goes to a logic 0 with the -ACK input but does not
return to a logic 1 until the end of the read cycle, i.e.,
reading SR will set this bit to a logic 1.
Logic 1 = no interrupt is pending. (normal inactive
state)
SR BIT-3:
Logic 0 = -ERROR input is a logic 0.
Logic 1 = -ERROR input is a logic 1. (normal inactive
state)
SR BIT-4:
Logic 0 = SLCT input is a logic 0. (normal inactive
state)
Logic 1 = SLCT input is a logic 1.
SR BIT-5:
Logic 0 = PE input is a logic 0. (normal inactive state)
Logic 1 = PE input is a logic 1.
SR BIT-6:
Logic 0 = -ACK input is a logic 0.
Logic 1 = -ACK input is a logic 1. (normal inactive
state)
SR BIT-7:
Logic 0 = BUSY input is a logic 0
Logic 1 = BUSY input is a logic 1 (normal inactive
state)
Command Register (COM)
This register provides the printer port input logical
states and the status of the printer interrupt INIT,
which is based on the state of CON bit-1.
COM BIT-0:
-STROBE is a bi-directional signal with an open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com