Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552AIJ68 Datasheet(PDF) 1 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 1 Page - Exar Corporation

  ST16C552AIJ68 Datasheet HTML 1Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 2Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 3Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 4Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 5Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 6Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 7Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 8Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017
ST16C552
ST16C552A
PLCC Package
DUAL UART WITH 16-BYTE FIFO AND
PARALLEL PRINTER PORT
December 2003
Rev. 3.40
DESCRIPTION
The ST16C552/ST16C552A (552/552A) is a dual universal asynchronous receiver and transmitter (UART) with
an added bi-directional parallel port that is directly compatible with a CENTRONICS type printer. The parallel port
is designed such that the user can configure it as general purpose I/O interface, or for connection to other printer
devices. The 552/552A provides enhanced UART functions with 16 byte FIFO’s, a modem control interface, and
data rates up to 1.5Mbps. Onboard status registers provide the user with error indications and operational status.
The system interrupts and control may be tailored to meet user requirements. An internal loop-back capability
allows onboard diagnostics. A programmable baud rate generator is provided to select transmit and receive clock
rates from 50 bps to 1.5 Mbps. The 552/552A is available in a 68 pin PLCC package. The 552/552A is compatible
with the 16C450 and 16C550. The difference between the ST16C552 and ST16C552A is the logic state of the
printer port, INTP interrupt. The INTP interrupt is active high (logic 1) on the ST16C552 whereas INTP is active
low (logic 0) on the ST16C552A part when the interrupt latch mode is selected. The 552/552A is fabricated in an
advanced CMOS process with power down mode to reduce the power consumption. The 552A does not support
the power down mode.
INTB
INTP
-SLCTIN
INIT
-AUTOFDXT
-STROBE
GND
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
INTA
RDOUT
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
ST16C552CJ68
ST16C552ACJ68
TXB
-DTRB
-RTSB
-CTSB
D0
D1
D2
D3
D4
D5
D6
D7
-TXRDYA
VCC
-RTSA
-DTRA
TXA
FEATURES
Added features in device revision "F" and newer:
• 5V Tolerant Inputs
• Pin to pin and functional compatible to ST16C452/
452PS, TL16C552
• 2.97 to 5.5 volt operation
• Software compatible with INS8250, NS16C550
• 1.5 Mbps transmit/receive operation (24MHz)
• 16 byte transmit FIFO
• 16 byte receive FIFO with error flags
• Independent transmit and receive control
• Modem and printer status registers
• UART port and printer port Bi-directional
• Printer port direction set by single control bit or 8 bit
pattern (AA/55)
• Modem control signals (-CTS, -RTS, -DSR, -DTR,
-RI, -CD)
• Programmable character lengths (5, 6, 7, 8)
• Even, odd, or no parity bit generation and detection
• TTL compatible inputs, outputs
• Powerdownmode
ORDERING INFORMATION
Part number
Pins
Package
Operating temperature
Device Status
ST16C552CJ68
68
PLCC
0° C to + 70° C
Active
ST16C552ACJ68
68
PLCC
0° C to + 70° C
Active
ST16C552IJ68
68
PLCC
-40° C to + 85° C
Active
ST16C552AIJ68
68
PLCC
-40° C to + 85° C
Active


Similar Part No. - ST16C552AIJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550 Datasheet
241Kb / 35P
UART WITH 16-BYTE FIFO?셲
ST16C550CJ44 EXAR-ST16C550CJ44 Datasheet
227Kb / 35P
UART WITH 16-BYTE FIFO?셲
ST16C550CJ44 EXAR-ST16C550CJ44 Datasheet
241Kb / 35P
UART WITH 16-BYTE FIFO?셲
logo
SYC Electronica
ST16C550CJ44 SYC-ST16C550CJ44 Datasheet
301Kb / 34P
UART WITH 16-BYTE FIFO’s
Rev. 4.30
More results

Similar Description - ST16C552AIJ68

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI16C552 IMP-EI16C552 Datasheet
23Kb / 2P
Dual FIFO UART and Parallel Port
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
UART WITH 16-BYTE FIFO?셲
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
DUAL UART WITH PARALLEL PRINTER PORT
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
Exar Corporation
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
logo
A1 PROs co., Ltd.
EI16C552 A1PROS-EI16C552 Datasheet
29Kb / 2P
Dual FIFO UART and Parallel Port
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
DUAL UART WITH PARALLEL PRINTER PORT
ST78C36CJ44-F EXAR-ST78C36CJ44-F Datasheet
643Kb / 27P
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com