Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552AIJ68 Datasheet(PDF) 6 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 6 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 2Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 3Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 4Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 5Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 6Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 7Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 8Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 9Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
ST16C552/552A
Rev. 3.40
Symbol
Pin
Signal Type
Pin Description
reached.
SLCT
65
I
Select (with internal pull-up) - General purpose input or line
printer select status. Normally this pin is connected to a
printer output (active low) that indicates the ready status of
a printer, i.e., on-line and/or on-line and ready.
-SLCTIN
58
I/O
Select In (open drain, with internal pull-up) - General
purpose I/O or line printer select. This pin can be read via
Bit-3 in the printer command register, or written via bit-3 in
the printer control register. As this pin is open-drain, it can
be wire-or’d with other outputs. Normally this signal is
connected with a printer to select the printer with an active
low.
-STROBE
55
I/O
Strobe (open drain, with internal pull-up) - General purpose
I/O or data strobe output. Normally this output is connected
to a printer and indicates that valid data is available at the
printer port (PD0-PD7).
-TXRDY A/B
22,42
O
Transmit Ready A/B (active low). These outputs provide the
TX FIFO/THR status for individual transmit channels (A-B).
As such, an individual channel’s -TXRDY A-B buffer ready
status is indicated by logic 0, i.e., at least one location is
empty and available in the FIFO or THR. This pin goes to
a logic 1 when there are no more empty locations in the
FIFO or THR.
VCC
23,40,64
Pwr
2.97 to 5.5V power supply input. All inputs are 5V tolerant
except for XTAL1 and all printer port inputs for devices with
revision "F" and newer.
-CD A/B
29,8
I
Carrier Detect (active low) - These inputs are associated
with individual UART channels A through B. A logic 0 on this
pin indicates that a carrier has been detected by the modem
for that channel.
-CTS A/B
28,13
I
Clear to Send (active low) - These inputs are associated with
individual UART channels, A through B. A logic 0 on this pin(s)
indicates the modem or data set is ready to accept transmit
data from the 552/552A for the given channel. Status can be
tested by reading MSR bit-4 for that channel(s). -CTS has no
SYMBOL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com