Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552AIJ68 Datasheet(PDF) 28 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 28 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 24Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 25Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 26Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 27Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 28Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 29Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 30Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 31Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 32Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
28
ST16C552/552A
Rev. 3.40
V
ILCK
Clock input low level
-0.3
0.6
-0.5
0.6
V
V
IHCK
Clock and printer port input high level
2.4
VCC
3.0
VCC
V
V
IL
Input low level
-0.3
0.8
-0.5
0.8
V
V
IH
Input high level (Rev "E" and older)
2.0
VCC
2.2
VCC
V
V
IH
Input high level (Rev "F" and newer)
2.0
5.5
2.2
5.5
V
V
OL
Output low level on all outputs
0.4
V
I
OL= 4 mA
V
OL
Output low level on all outputs
0.4
V
I
OL= 4 mA
V
OH
Output high level
2.4
V
I
OH= -4 mA
V
OH
Output high level
2.0
V
I
OH= -1 mA
I
IL
Input leakage
±10
±10
µA
I
CL
Clock leakage
±10
±10
µA
I
CC
Avg power supply current
1.5
3
mA
C
P
Input capacitance
5
5
pF
RIN
Internal pull-up resistance
9
22
k
Ω
Note: See the Symbol Description Table, for a listing of pins having internal pull-up resistors.
ABSOLUTE MAXIMUM RATINGS
Supply range
7 Volts
Voltage at any pin
GND - 0.3 V to VCC +0.3 V
Operating temperature
-40
° C to +85° C
Storage temperature
-65
° C to 150° C
Package dissipation
500 mW
DC ELECTRICAL CHARACTERISTICS
T
A=0° - 70°C (-40° - +85°C for Industrial grade packages), Vcc=2.97 - 5.5V unless otherwise specified.
Symbol
Parameter
Limits
Limits
Units
Conditions
3.3
5.0
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com