Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552AIJ68 Datasheet(PDF) 9 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 9 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 5Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 6Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 7Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 8Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 9Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 10Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 11Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 12Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
ST16C552/552A
Rev. 3.40
The rich feature set of the 552/552A is available
through internal registers. Selectable receive FIFO
trigger levels, selectable TX and RX baud rates,
modem interface controls, and a power-down mode
are all standard features. Following a power on reset
or an external reset, the 552/552A is software compat-
ible with the previous generation, 16C452.
FUNCTIONAL DESCRIPTIONS
Functional Modes
Two functional user modes are selectable for the 552/
552A package. The first of these provides the dual
UART functions, while the other provides the func-
tions of a parallel printer interface. These features are
available through selection at the package interface
select pins.
UART A-B Functions
The UART mode provides the user with the capability
to transfer information between an external CPU and
the 552/552A package. A logic 0 on chip select pins -
CSA or -CSB allows the user to configure, send data,
and/or receive data via the UART channels A-B.
Printer Port Functions
The Printer mode provides the user with the capability
to transfer information between an external CPU and the
552/552A parallel printer port. A logic 0 on chip select
pin -CSP allows the user to configure, send data, and/
or receive data via the bi-directional parallel 8-bit data
bus, PD0-PD7.
Internal Registers
The 552/552A provides 12 internal registers for monitor-
ing and control of the UART functions and another 6
registers for monitoring and controlling the printer port.
These resisters are shown in Table 4 below. The UART
registers function as data holding registers (THR/RHR),
interrupt status and control registers (IER/ISR), a FIFO
control register (FCR), line status and control registers
(LCR/LSR), modem status and control registers (MCR/
MSR), programmable data rate (clock) control registers
(DLL/DLM), and a user assessable scratchpad register
(SPR). The printer port registers functions data holding
registers (PR), I/O status register (SR), I/O select
register (IOSEL), and a command and control register
(COM/CON). Register functions are more fully de-
scribed in the following paragraphs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com