Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552AIJ68 Datasheet(PDF) 22 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 22 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 18Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 19Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 20Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 21Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 22Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 23Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 24Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 25Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
22
ST16C552/552A
Rev. 3.40
LCR
LCR
LCR
Parity selection
Bit-5
Bit-4
Bit-3
X
X
0
No parity
0
0
1
Odd parity
0
1
1
Even parity
1
0
1
Force parity odd parity
1
1
1
Forced even parity
LCR BIT-6:
When enabled the Break control bit causes a break
condition to be transmitted (the TX output is forced to
a logic 0 state). This condition exists until disabled by
setting LCR bit-6 to a logic 0.
Logic 0 = No TX break condition. (normal default
condition)
Logic 1 = Forces the transmitter output (TX) to a logic
0 for alerting the remote receiver to a line break
condition.
LCR BIT-7:
The internal baud rate counter latch and Enhance
Feature mode enable.
Logic 0 = Divisor latch disabled. (normal default
condition)
Logic 1 = Divisor latch and enhanced feature register
enabled.
Modem Control Register (MCR)
This register controls the interface with the modem or
a peripheral device.
MCR BIT-0:
Logic 0 = Force -DTR output to a logic 1. (normal
default condition)
Logic 1 = Force -DTR output to a logic 0.
MCR BIT-1:
Logic 0 = Force -RTS output to a logic 1. (normal
default condition)
Logic 1 = Force -RTS output to a logic 0.
MCR BIT-2:
This bit is used in the Loop-back mode only. In the
loop-back mode this bit is use to write the state of the
modem -RI interface signal.
MCR BIT-3: (Used to control the modem -CD signal
in the loop-back mode.)
Logic 0 = Forces INT (A-B) outputs to the three state
mode. (normal default condition) In the Loop-back
mode, sets -CD internally to a logic 1.
Logic 1 = Forces the INT (A-B) outputs to the active
mode. In the Loop-back mode, sets -CD internally to
a logic 0.
MCR BIT-4:
Logic 0 = Disable loop-back mode. (normal default
condition)
Logic 1 = Enable local loop-back mode (diagnostics).
MCR BIT 5-6:
Not Used - initialized to a logic 0.
MCR BIT-7:
Logic 0 = Disable power down mode. (normal, default
condition, 552 only)
Logic 1 = Enable power down mode (IER bit-5 must
also be a logic 1 before power down will be activated).
Line Status Register (LSR)
This register provides the status of data transfers
between. the 552/552A and the CPU.
LSR BIT-0:
Logic 0 = No data in receive holding register or FIFO.
(normal default condition)
Logic 1 = Data has been received and is saved in the
receive holding register or FIFO.
LSR BIT-1:
Logic 0 = No overrun error. (normal default condition)
Logic 1 = Overrun error. A data overrun error occurred
in the receive shift register. This happens when addi-
tional data arrives while the FIFO is full. In this case
the previous data in the shift register is overwritten.
Note that under this condition the data byte in the
receive shift register is not transferred into the FIFO,
therefore the data in the FIFO is not corrupted by the
error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com