Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552AIJ68 Datasheet(PDF) 10 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 10 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 6Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 7Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 8Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 9Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 10Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 11Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 12Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 13Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
ST16C552/552A
Rev. 3.40
Table 4, INTERNAL REGISTER DECODE
A2
A1
A0
READMODE
WRITE MODE
General Register Set (THR/RHR, IER/ISR, MCR/MSR, LCR/LSR, SPR): Note 1*
0
0
0
Receive Holding Register
Transmit Holding Register
0
0
1
Interrupt Enable Register
0
1
0
Interrupt Status Register
FIFO Control Register
0
1
1
Line Control Register
1
0
0
Modem Control Register
1
0
1
Line Status Register
1
1
0
Modem Status Register
1
1
1
Scratchpad Register
Scratchpad Register
Baud Rate Register Set (DLL/DLM): Note *2
0
0
0
LSB of Divisor Latch
LSB of Divisor Latch
0
0
1
MSB of Divisor Latch
MSB of Divisor Latch
Printer Port Set (PR/SR/IOSEL/COM/CON): Note *3
X
0
0
PORT REGISTER
PORT REGISTER
X
0
1
STATUS REGISTER
I/O SELECT REGISTER
X
1
0
COMMAND REGISTER
CONTROLREGISTER
Note 1* The General Register set is accessible only when CS A or CS B is a logic 0.
Note 2* The Baud Rate register set is accessible only when CS A or CS B is a logic 0 and LCR bit-7 is a logic 1.
Note 3*: Printer Port Register set is accessible only when -CSP is a logic 0 in conjunction with the states of the
interface signal BIDEN and Printer Control Register bit-5 or IOSEL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com