Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552AIJ68 Datasheet(PDF) 26 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 26 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 22Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 23Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 24Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 25Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 26Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 27Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 28Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 29Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 30Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
26
ST16C552/552A
Rev. 3.40
Logic 0 = -SLCTIN output is set to a logic 1. (normal
default condition)
Logic 1 = -SLCTIN output is set to a logic 0.
CON BIT-4:
This bit enables or masks the printer interrupt output
-INTP. The state of this bit can be read using COM bit-
4.
Logic 0 = Disable -INTP output. (normal default con-
dition)
Logic 1 = Enable -INTP output.
CON BIT-5:
This bit is used in conjunction with the state of BIDEN
to set the direction (input/output) of the PD7-PD0 data
bus.
Logic 0 + BIDEN 1 = PD7-PD0 are set for output mode
(normal default condition)
Logic 1 + BIDEN 1 = PD7-PD0 are set for input mode
CON BIT 6-7:
Not Used - initialized to a logic 1.
ST16C552/552A EXTERNAL RESET CONDITION
REGISTERS
RESET STATE
(UART)
IER
BITS 0-7=0
ISR
ISR BIT-0=1, ISR BITS 1-7=0
LCR
LCR BITS 0-7=0
MCR
MCR BITS 0-7=0
LSR
LSR BITS 0-4=0,
LSR BITS 5-6=1 LSR, BIT 7=0
MSR
MSR BITS 0-3=0,
MSR BITS 4-7=input signals
FCR
FCR BITS 0-7=0
REGISTERS
RESET STATE
Printer Port
IOSEL
IOSEL BITS-0-7=0
SR
SR BITS 0-1=1, BITS 2-7=input
signals
COM
COM BITS 0-4=0, BITS 5-7=1
CON
CON BITS 0-5=0, BITS 6-7=1
SIGNALS
RESET STATE
TX A/B
High
-RTS A/B
High
-DTR A/B
High
INT A/B, P
Three state mode
-RXRDY A/B
High
-TXRDY A/B
Low
PD0-PD7
Low, output mode
-STROBE
High, output mode
-AutoFDXT
High, output mode
INIT
Low, output mode
-SLCTIN
High, output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com