Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552AIJ68 Datasheet(PDF) 29 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 29 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 25Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 26Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 27Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 28Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 29Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 30Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 31Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 32Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
29
ST16C552/552A
Rev. 3.40
General write timing
General read timing
A0 - A 2
- C S
- IO R
D 0 - D 7
T 6 s
T 7w
T7 h
T9 d
T 1 2 d
T 1 2 h
X 5 52 - R D - 2
A ct iv e
V a li d
D a ta
V a li d
A dd r ess
A ct iv e
V a li d
A dd r ess
A ct iv e
T 6 s
T7 h
T 1 2 d
T 1 2 h
T 7w
Va li d D a ta
A0-A 2
-C S
-IOW
D 0-D 7
T 6 s
T13 w
T7h
T1 5d
T 16 s
T1 6h
X5 52 -RD -2
A ctive
D a ta
Valid
A d dr e ss
A ctive
Valid
A d dr e ss
A ctive
T 6 s
T7h
T 16 s
T1 6h
T13 w
D a ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com