Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552AIJ68 Datasheet(PDF) 20 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 20 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 16Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 17Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 18Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 19Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 20Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 21Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 22Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 23Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
20
ST16C552/552A
Rev. 3.40
FCR BIT 4-5:
Not Used - initialized to a logic 0.
FCR BIT 6-7: (logic 0 or cleared is the default condi-
tion, RX trigger level = 1)
These bits are used to set the trigger level for the
receive FIFO interrupt.
An interrupt is generated when the number of charac-
ters in the FIFO equals the programmed trigger level.
However the FIFO will continue to be loaded until it is
full.
BIT-7
BIT-6
RX FIFO trigger level
0
0
01
0
1
04
1
0
08
1
1
14
Interrupt Status Register (ISR)
The 552/552A provides four levels of prioritized inter-
rupts to minimize external software interaction. The
Interrupt Status Register (ISR) provides the user with
four interrupt status bits. Performing a read cycle on
the ISR will provide the user with the highest pending
interrupt level to be serviced. No other interrupts are
acknowledged until the pending interrupt is serviced.
Whenever the interrupt status register is read, the
interrupt status is cleared. However it should be noted
that only the current pending interrupt is cleared by the
read. A lower level interrupt may be seen after reread-
ing the interrupt status bits. The Interrupt Source
Table 8 (below) shows the data values (bits 0-3) for the
four prioritized interrupt levels and the interrupt
sources associated with each of these interrupt levels:
Table 8, INTERRUPT SOURCE TABLE
Priority
[ISR BITS]
Level
Bit-3 Bit-2 Bit-1 Bit-0
Source of the interrupt
1
0
1
1
0
LSR (Receiver Line Status Register)
2
0
1
0
0
RXRDY (Received Data Ready)
2
1
1
0
0
RXRDY (Receive Data time out)
3
0
0
1
0
TXRDY (Transmitter Holding Register Empty)
4
0
0
0
0
MSR (Modem Status Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com