Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6D Datasheet(PDF) 71 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 67Page - STMicroelectronics STV82X6D Datasheet HTML 68Page - STMicroelectronics STV82X6D Datasheet HTML 69Page - STMicroelectronics STV82X6D Datasheet HTML 70Page - STMicroelectronics STV82X6D Datasheet HTML 71Page - STMicroelectronics STV82X6D Datasheet HTML 72Page - STMicroelectronics STV82X6D Datasheet HTML 73Page - STMicroelectronics STV82X6D Datasheet HTML 74Page - STMicroelectronics STV82X6D Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 95 page
background image
71/95
STV82x6
Register List
LS_EQ_BAND[1:5]
Loudspeaker Equalizer Gain
Address (hex): 61h to 65h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
EQ_BAND1_GAIN[4:0] (S)
0
0
0
EQ_BAND2_GAIN[4:0] (S)
0
0
0
EQ_BAND3_GAIN[4:0] (S)
0
0
0
EQ_BAND4_GAIN[4:0] (S)
0
0
0
EQ_BAND5_GAIN[4:0] (S)
Bit Name
Reset
Function
Bits[7:5]
000
Reserved.
EQ_BAND1_GAIN[4:0]
EQ_BAND2_GAIN[4:0]
EQ_BAND3_GAIN[4:0]
EQ_BAND4_GAIN[4:0]
EQ_BAND5_GAIN[4:0]
00000
00000
00000
00000
00000
Band gain adjustment within a range from -12 dB to +12 dB in steps of 1 dB.
BAND1 = Bass (Centered 100 Hz)
BAND2 = Bass-Medium (Centered 330 Hz)
BAND3 = Medium (Centered 1 kHz)
BAND4 = Treble-Medium (Centered 3.3 kHz
BAND5 = Treble (Centered 6.6 kHz)
Table 25: Loudspeaker/Headphone Equalizer Gain Values
Value
Gain G (dB)
01100
+12
01011
+11
01010
+10
................
.....
00000 (Default)
0
................
.....
10110
-10
10101
-11
10100
-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com