Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6D Datasheet(PDF) 89 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 85Page - STMicroelectronics STV82X6D Datasheet HTML 86Page - STMicroelectronics STV82X6D Datasheet HTML 87Page - STMicroelectronics STV82X6D Datasheet HTML 88Page - STMicroelectronics STV82X6D Datasheet HTML 89Page - STMicroelectronics STV82X6D Datasheet HTML 90Page - STMicroelectronics STV82X6D Datasheet HTML 91Page - STMicroelectronics STV82X6D Datasheet HTML 92Page - STMicroelectronics STV82X6D Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 95 page
background image
89/95
STV82x6
Electrical Characteristics
11.15 I²C Bus Interface
Symbol
Parameter
Min.
Typ.
Max.
Units
SCL
VIL
Input Voltage Low Level
0
0.7
V
VIH
Input Voltage High Level
3
VDD
V
VOL
Low Output Voltage (IOL =3mA)
0
0.8
V
fSCL
SCL Clock Frequency
400
kHz
tr, tf
Input Rise/Fall Times (10 to 90%)
0.8
ms
II(L)
Input Leakage Current (V
I =5.5 V)
10
mA
C
l
Input Capacitance
10
pF
SDA
VIL
Input Voltage Low Level
0
0.7
V
VIH
Input Voltage High Level
3
V
DD
V
tr, tf
Input Rise/Fall Times (10 to 90%)
0.8
ms
II(L)
Input Leakage Current (V
I = 5.5 V with Output Off)
10
mA
VOL
Low Output Voltage (I
OL =3mA)
0
0.8
V
tfo
Output Fall Time between 3 V and 1 V
0.6
µs
CL
Load Capacitance
400
pF
IACK
Maximum Sink Current
3mA
TIMING
tLOW
Low Period
1
ms
tHIGH
High Period
1
ms
tSU, DAT
Data Setup Time
250
ns
tHD, DAT
Data Hold Time
250
ns
tSU, STOP
Stop Setup Time from Clock High
1
ms
tBUF
Start Setup Time following a Stop
1
ms
tHD, STA
Start Hold Time
1
ms
tSU, STA
Start Setup Time following Clock Low to High Transition
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com