Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6D Datasheet(PDF) 38 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 34Page - STMicroelectronics STV82X6D Datasheet HTML 35Page - STMicroelectronics STV82X6D Datasheet HTML 36Page - STMicroelectronics STV82X6D Datasheet HTML 37Page - STMicroelectronics STV82X6D Datasheet HTML 38Page - STMicroelectronics STV82X6D Datasheet HTML 39Page - STMicroelectronics STV82X6D Datasheet HTML 40Page - STMicroelectronics STV82X6D Datasheet HTML 41Page - STMicroelectronics STV82X6D Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 95 page
background image
Register List
STV82x6
38/95
ANA_SCART
SCART Control Register
Note:
SCART I²C programming (matrixing and mute control) is maintained during Standby mode
Before switching to Standby mode, the output SCART mute is recommended if the demodulated
sound source (DSP_OSCART) is selected by this output. This source might cause an audible plop
during the digital power down.
ANA_LS_HP
Loudspeaker/Subwoofer/Headphone Mute Control
Address (hex): 06h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DSP_ISCART_SEL[1:0]
MUTE_OSCA
RT2
OSCART2_SEL[1:0]
MUTE_OSCA
RT1
OSCART1_SEL[1:0]
Bit Name
Reset
Function
DSP_ISCART
_SEL[1:0]
00
Analog Audio Matrixing for Mono and SCART Inputs (with Low Noise Audio Switching)
00: ISCART1 (Default)
01: ISCART2
10: ISCART3
11: Mono input
MUTE_OSCART2
1
0: No Mute
1: x Output muted
OSCART2_SEL
[1:0]
01
Analog Audio Matrixing for SCART outputs (with Low Noise Audio Switching)
00: DSP_OSCART
01: ISCART1 (Default)
10: ISCART2
11: ISCART3
MUTE_OSCART1
1
0: No Mute
1: x Output muted
OSCART1_SEL
[1:0]
00
00: DSP_OSCART (Default)
01: ISCART1
10: ISCART2
11: ISCART3
ANA_LS/HP
Address (hex): 07h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HPD_IN
HPD_ON
SW_ON
0
0
MUTE_LS
MUTE_SW
MUTE_HP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com