Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6D Datasheet(PDF) 28 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 24Page - STMicroelectronics STV82X6D Datasheet HTML 25Page - STMicroelectronics STV82X6D Datasheet HTML 26Page - STMicroelectronics STV82X6D Datasheet HTML 27Page - STMicroelectronics STV82X6D Datasheet HTML 28Page - STMicroelectronics STV82X6D Datasheet HTML 29Page - STMicroelectronics STV82X6D Datasheet HTML 30Page - STMicroelectronics STV82X6D Datasheet HTML 31Page - STMicroelectronics STV82X6D Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 95 page
background image
Power Supplies
STV82x6
28/95
7.2
Standby Mode
The STV82x6 provides a Thru mode configuration that bypasses IC functions via a SCART I/O pin
(Full Analog Path only). In this case, only minimum power is required (Standby mode).
In Standby mode, the digital and analog power supplies are switched off, except for pins VDDA and
VDDH which are used to maintain the SCART path, the last configuration programmed for analog
matrixing (register ANA_SCART) and the power configuration (register ANA_CTRL). When
switching back to normal Full Power mode, all I²C registers are reset except for those used in
Standby mode to maintain the original configuration.
In Standby mode, the I²C bus does not operate. However, the bus can still be used by other ICs
since the I²C I/O pins (SDA and SCL) of the STV82x6 are forced into a high-impedance
configuration.
Figure 17: 5 V / 8 V or 5 V / 5 V Application
Digital Core
Clock Generator
Analog
REG
VDDH
STV82x6
5V
DPS
Standby
VDD1
VDD2
VDDP
8 or 5 V
APS
Core
3.3 V
Regulator
Analog
3.3 V
Regulator
Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com