Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6D Datasheet(PDF) 33 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 29Page - STMicroelectronics STV82X6D Datasheet HTML 30Page - STMicroelectronics STV82X6D Datasheet HTML 31Page - STMicroelectronics STV82X6D Datasheet HTML 32Page - STMicroelectronics STV82X6D Datasheet HTML 33Page - STMicroelectronics STV82X6D Datasheet HTML 34Page - STMicroelectronics STV82X6D Datasheet HTML 35Page - STMicroelectronics STV82X6D Datasheet HTML 36Page - STMicroelectronics STV82X6D Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 95 page
background image
33/95
STV82x6
Register List
IAGCS
27h
(0000 0000)
IAGC_CTRL[7:0]
CARFQ2H
28h
0100 0100
CARFQ2[23:16]
CARFQ2M
29h
0100 0000
CARFQ2[15.8]
CARFQ2L
2Ah
0000 0000
CARFQ2[7:0]
FIR2C0
2Bh
0000 0000
FIR2C0[7:0] (S)
FIR2C1
2Ch
0000 0000
FIR2C1[7:0] (S)
FIR2C2
2Dh
0000 0000
FIR2C2[7:0] (S)
FIR2C3
2Eh
0000 0000
FIR2C3[7:0] (S)
FIR2C4
2Fh
1111 1111
FIR2C4[7:0] (S)
FIR2C5
30h
0000 0100
FIR2C5[7:0] (S)
FIR2C6
31h
0001 0100
FIR2C6[7:0] (S)
FIR2C7
32h
0010 0101
FIR2C7[7:0] (S)
ACOEFF2
33h
1001 0000
ACOEFF2[7:0]
BCOEFF2
34h
1010 1100
BCOEFF2[7:0]
SCOEFF
35h
0001 1100
SCOEFF[7:0]
SRF
36h
(0000 0000)
SRF[7:0] (S)
CRF2
37h
(0000 0000)
CRF2[7:0] (S)
CETH2
38h
0010 0000
CETH2[7:0]
SQTH2
39h
0011 1100
SQTH2[7:0]
CAROFFSET2
3Ah
0000 0000
CAROFFSET2[7:0] (S)
NICAM
NICAM_CTRL
3Dh
0000 0000
0
0
0
0
0
DIF_POL
ECT
MAE
NICAM_BER
3Eh
(0000 0000)
ERROR[7:0]
NICAM_STAT
3Fh
(0000 0000)
NIC_DET
F_MUTE
LOA
CBI[4:1]
NIC_MUTE
Stereo FM
ZWT_CTRL
40h
0011 0001
0
STD_MODE
THRESH[3:0]
TSCTRL[1:0]
ZWT_STAT
41h
(0000 0000)
0
0
0
0
0
ZW_DET
ZW_ST
ZW_DM
Sound Preprocessing & Selection
FM_DCL
42h
(0000 0000)
FM_DCL[7:0] (S)
FM_DCR
43h
(0000 0000)
FM_DCR[7:0] (S)
PRE_FM
44h
0000 0110
0
0
FM_PRESCALE[5:0] (S)
PRE_NICAM
45h
0000 1101
0
0
NICAM_PRESCALE[5:0] (S)
PRE_AUX
46h
0000 0000
I2S_PRESCALE[3:0] (S)
SCART_PRESCALE[3:0] (S)
CH_CTRL
47h
0000 0000
MUTE_D01
2
MUTE_D12
NIC_DMX
NICDPH_O
FF
FM_DMX[1:0]
FMDPH_OF
F
FMDPH_S
W
CH_MX
48h
0000 0000
I2S_MX[1:0]
SC_MX[1:0]
DEMOD_MX[3:0]
CH_SEL
49h
0000 0000
I2S_SEL[1:0]
SC_SEL[1:0]
HP_SEL[1:0]
LS_SEL[1:0]
CH_LANG
4Ah
0000 0000
I2S_LANG[1:0]
SC_LANG[1:0]
HP_LANG[1:0]
LS_LANG[1:0]
Table 10: List of I²C Registers (Sheet 3 of 5)
Name
Addr.
(Hex)
Reset
Value (Bin)
Register Function and Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com