Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6D Datasheet(PDF) 72 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 68Page - STMicroelectronics STV82X6D Datasheet HTML 69Page - STMicroelectronics STV82X6D Datasheet HTML 70Page - STMicroelectronics STV82X6D Datasheet HTML 71Page - STMicroelectronics STV82X6D Datasheet HTML 72Page - STMicroelectronics STV82X6D Datasheet HTML 73Page - STMicroelectronics STV82X6D Datasheet HTML 74Page - STMicroelectronics STV82X6D Datasheet HTML 75Page - STMicroelectronics STV82X6D Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 95 page
background image
Register List
STV82x6
72/95
9.15
Loudness/Bass & Treble
LS_LOUD
Loudspeaker Loudness Control Register
HP_BT_CTRL
Headphone Bass/Treble Control
Address (hex): 66h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LOUD_ON
LOUD_TH[2:0]
LOUD_FREQ
LOUD_GHR[2:0]
Bit Name
Reset
Function
LOUD_ON
0
Loudness Enable
0: Loudness disabled
1: Loudness enabled
LOUD_TH[2:0]
000
Loudness Threshold
Programmable values are listed in Table 26.
LOUD_FREQ
0
Bass Cut-off Frequency Select
0: 40 Hz bass cut-off frequency (Normal mode)
1: 120 Hz bass cut-off frequency (Bass Amplified mode)
LOUD_GHR[2:0]
010
Loudness Maximum Treble Gain
Programmable values are listed in Table 26.
Table 26: Loudness Control Values
Bitfield Value
Threshold (dB)
LOUD_TH[2:0]
Max. Treble Gain (dB)
LOUD_GHR[2:0]
000
0 (Default)
0
001
-6
3
010
-12
6 (Default)
011
-18
9
100
-24
12
101
-30
15
110
-36
18
111
-42
Reserved
Address (hex): 71h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BT_ON
0
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com