Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6D Datasheet(PDF) 78 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 74Page - STMicroelectronics STV82X6D Datasheet HTML 75Page - STMicroelectronics STV82X6D Datasheet HTML 76Page - STMicroelectronics STV82X6D Datasheet HTML 77Page - STMicroelectronics STV82X6D Datasheet HTML 78Page - STMicroelectronics STV82X6D Datasheet HTML 79Page - STMicroelectronics STV82X6D Datasheet HTML 80Page - STMicroelectronics STV82X6D Datasheet HTML 81Page - STMicroelectronics STV82X6D Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 95 page
background image
Register List
STV82x6
78/95
SW_BAND
Subwoofer Bandwidth Control
9.18
Beeper
BEEPER_CTRL
Beeper Control
Address (hex): 6Bh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
SW_FREQ[2:0]
Bit Name
Reset
Function
Bits[7:3]
00000
Reserved.
SW_FREQ[2:0]
011
Cut-off frequency tuning from 50 Hz to 400 Hz in steps of 50 Hz
000: 50 Hz
100: 250 Hz
001: 100 Hz
101: 300 Hz
010: 150 Hz
110: 350 Hz
011: 200 Hz (Default)
111: 400 Hz
Address (hex): 79h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LS_BEEP_ON HP_BEEP_ON BEEP_MODE
0
0
0
BEEP_DURATION[1:0]
Bit Name
Reset
Function
LS_BEEP_ON
0
Loudspeaker Beeper Enable
0: Loudspeaker beeper muted (Default)
1: Loudspeaker beeper enabled (Start pulse and automatic reset in Pulse mode)
HP_BEEP_ON
0
Headphone Beeper Enable
0: Headphone beeper muted (Default)
1: Headphone beeper enabled (Start pulse and automatic reset in Pulse mode)
BEEP_MODE
0
Beeper Mode Select
0: Pulse mode (for Beep applications - Default)
1: Continuous mode (for Alarm application)s
Bit[4:0]
000
Reserved.
BEEP_DURATION[
1:0]
00
Defines the duration of the beeper (for Pulse mode only).
00: 0.128 s
01: 0.256 s.
10: 0.512 s.
11: 1.024 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com