Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6D Datasheet(PDF) 75 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 71Page - STMicroelectronics STV82X6D Datasheet HTML 72Page - STMicroelectronics STV82X6D Datasheet HTML 73Page - STMicroelectronics STV82X6D Datasheet HTML 74Page - STMicroelectronics STV82X6D Datasheet HTML 75Page - STMicroelectronics STV82X6D Datasheet HTML 76Page - STMicroelectronics STV82X6D Datasheet HTML 77Page - STMicroelectronics STV82X6D Datasheet HTML 78Page - STMicroelectronics STV82X6D Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 95 page
background image
75/95
STV82x6
Register List
HP_CVOL
Headphone Common Volume Control Register
HP_VOL_L
Headphone Left Volume Control Register
VOL_L[7:0]
00000000
Loudspeaker Left Volume
Volume may be programmed within a range between 0 dB and -96 dB in steps of 0.375 dB.
Programmable values are listed in Table 27.
Address (hex): 76h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CVOL[7:0] / VOL_L[7:0]
Bit Name
Reset
Function
CVOL[7:0]
00000000
Headphone Common Volume
Volume may be programmed within a range between 0 dB and -96 dB in steps of 0.375 dB.
Programmable values are listed in Table 27.
VOL_L[7:0]
00000000
Headphone Left Volume
Volume may be programmed within a range between 0 dB and -96 dB in steps of 0.375 dB.
Programmable values are listed in Table 27.
Table 27: Common or Left Volume Control Values
Register Value
Volume Level (dB)
1111 1111
0 (1 VRMS)
1111 1110
-0.375
1111 1101
-0.75
................
.....
1000 0000 (Default)
-48
................
.....
0000 0010
-94.50
0000 0001
-95.25
0000 0000
-95.625
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com