Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6D Datasheet(PDF) 59 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 55Page - STMicroelectronics STV82X6D Datasheet HTML 56Page - STMicroelectronics STV82X6D Datasheet HTML 57Page - STMicroelectronics STV82X6D Datasheet HTML 58Page - STMicroelectronics STV82X6D Datasheet HTML 59Page - STMicroelectronics STV82X6D Datasheet HTML 60Page - STMicroelectronics STV82X6D Datasheet HTML 61Page - STMicroelectronics STV82X6D Datasheet HTML 62Page - STMicroelectronics STV82X6D Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 95 page
background image
59/95
STV82x6
Register List
CH_MX
Channel Matrix Register
FMDPH_OFF
0
0: FM De-emphasis (Default)
1: Bypass FM De-emphasis
FMDPH_SW
0
0: 50 µs FM De-emphasis (Default)
1: 75 µs FM De-emphasis
Address (hex): 48h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2S_MX[1:0]
SC_MX[1:0]
DEMOD_MX[3:0]
Bit Name
Reset
Function
I2S_MX[1:0]
00
I²S Matrixing. Programmable values are listed in Table 20.
SC_MX[1:0]
00
SCART Matrixing. Programmable values are listed in Table 20.
DEMOD_MX[3:0]
0000
Demodulator Matrixing. Programmable values are listed in Table 21.
Table 20: SCART and I²S Matrixing
SC_0/I2S_0
SC_1/I2S_1
Left
Right
Left
Right
00
CH_L
CH_R
0
01
CH_R
CH_L
0
10
CH_L
CH_R
11
CH_R
CH_L
Table 21: Demodulator Matrixing
DEMOD_0
DEMOD_1
DEMOD_2
Left
Right
Left
Right
Left
0X00
FM_L
0
0
0X01
FM_L
FM_R
0
0
0X10
NIC_L
NIC_R
0
0
0X11
NIC_L
0
0
1000
FM_L
FM_R
0
1001
NIC_L
NIC_R
0
1010
FM_L
NIC_L
NIC_R
0
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com