Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6D Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 17Page - STMicroelectronics STV82X6D Datasheet HTML 18Page - STMicroelectronics STV82X6D Datasheet HTML 19Page - STMicroelectronics STV82X6D Datasheet HTML 20Page - STMicroelectronics STV82X6D Datasheet HTML 21Page - STMicroelectronics STV82X6D Datasheet HTML 22Page - STMicroelectronics STV82X6D Datasheet HTML 23Page - STMicroelectronics STV82X6D Datasheet HTML 24Page - STMicroelectronics STV82X6D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
21/95
STV82x6
Audio Processor Block
The Beeper operates in one of two modes:
●
Pulse mode (beep applications) A tone with a programmable short duration (between 128 ms
and 1 s) is generated. Afterwards, the beeper is automatically disabled and the output is
switched back to the audio signal.
●
Continuous mode (alarm application) A tone with a programmable long duration is generated.
Its start and stop controls must be programmed by I²C.
In both modes, it is recommended to use the mute function to smooth the audio-to-beeper and
beeper-to-audio (Continuous mode only) transitions. The second transition is automatically muted
in Pulse mode. Beeper parameters are controlled in register BEEPER_CTRL.
The beeper tone level and frequency are programmed in register BEEPER_TONE. The level (or
volume) ranges between 0 dB and -93 dB in steps of 3 dB and the tone frequency ranges between
62.2 Hz and 8 kHz in steps of 1 octave.
A beep generator is shared only by the Loudspeaker or Headphone outputs. Therefore, in the event
of simultaneous beeps when in Pulse mode, only the first beep will define the effective duration that
will be the same for both outputs.
Note:
The audio output is not affected by the Automatic Mute Control of Automatic Standard Recognition
function when the beeper is activated.
3.10
SRS™ 3D Surround (STV8226/36 only)
In addition to ST WideSurround, the STV8226/36 provides SRS™ 3D Stereo and Mono outputs
which are spatial effects patented by SRS Labs. The SRS™ system is available on the IC when the
SRS_ON bit of register CUT_ID is set (STV8226/36 identification). ST and SRS™ Surround
systems cannot be used simultaneously. These signals are output only on the Loudspeaker path.
Figure 12: Pulse Mode
Figure 13: Continuous Mode
0.125s < T < 1s
62.5 Hz < F < 8 kHz
BEEP_ON = 1
BEEP_ON = 0
T predefined
62.5 Hz < F < 8 kHz
BEEP_ON = 1
BEEP_ON = 0
T defined by I²C write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com