Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6D Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 15Page - STMicroelectronics STV82X6D Datasheet HTML 16Page - STMicroelectronics STV82X6D Datasheet HTML 17Page - STMicroelectronics STV82X6D Datasheet HTML 18Page - STMicroelectronics STV82X6D Datasheet HTML 19Page - STMicroelectronics STV82X6D Datasheet HTML 20Page - STMicroelectronics STV82X6D Datasheet HTML 21Page - STMicroelectronics STV82X6D Datasheet HTML 22Page - STMicroelectronics STV82X6D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 95 page
background image
19/95
STV82x6
Audio Processor Block
3.6.2
Independent Mode
This is enabled by setting the BAL_MODE bits in both the LS_VOL_CTRL and HP_VOL_CTRL
registers to Independent mode. In this case, the register values are used to control the volume/
balance functions as described in Table 6.
3.6.3
Mute Control
An Independent Mute Control can be used to smooth audio envelope variations in order to prevent
any audible plops can be applied to all audio outputs. This feature is controlled by register
ANA_LS_HP.
A Headphone Detection Mode that will automatically mute the Loudspeaker and Subwoofer outputs
when a headphone is detected can be enabled by the HDP_ON bit in the ANA_LS_HP register. In
this case, only the Headphone output will remain active. See also Section 3.8: Subwoofer Control
and Section 5.4: Headphone Detection.
When a demodulated source is selected on the audio output, the mute is also controlled by
Automatic Standard Recognition system (AUTOSTD). In case of no mono detected or bad detection
of language without backup, the corresponding audio output is automatically muted. In case of
multi-language, the output will be de-muted by selecting an other language with backup.
Figure 11: Differential Balance
Table 6: Volume/Balance Control Registers
Mode
LS_CVOL/LS_VOL_L
HP_CVOL/HP_VOL_L
Register 68h/76h
LS_BAL/LS_VOL_R
HP_BAL/HP_VOL_R
Register 69h/77h
LS_VOL_CTRL (Loudspeaker Volume Control)
BAL_MODE = 0
(Independent Mode)
LS_VOL_L
Left Volume value
LS_VOL_R
Right Volume value
BAL_MODE = 1
(Differential Mode)
LS_CVOL
Common Right/Left Volume value
LS_BAL
Differential Balance value
HP_VOL_CTRL (Headphone Volume Control)
BAL_MODE = 0
(Independent Mode)
HP_VOL_L
Left Volume value
HP_VOL_R
Right Volume value
BAL_MODE = 1
(Differential Mode)
HP_CVOL
Common Right/Left Volume value
HP_BAL
Differential Balance value
100%
Mute
80h
7Fh
I²C Control
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com