Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6D Datasheet(PDF) 34 Page - STMicroelectronics

Part # STV82X6D
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6D Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STV82X6D Datasheet HTML 30Page - STMicroelectronics STV82X6D Datasheet HTML 31Page - STMicroelectronics STV82X6D Datasheet HTML 32Page - STMicroelectronics STV82X6D Datasheet HTML 33Page - STMicroelectronics STV82X6D Datasheet HTML 34Page - STMicroelectronics STV82X6D Datasheet HTML 35Page - STMicroelectronics STV82X6D Datasheet HTML 36Page - STMicroelectronics STV82X6D Datasheet HTML 37Page - STMicroelectronics STV82X6D Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 95 page
background image
Register List
STV82x6
34/95
PEAK_DET_CTRL
4Bh
0000 0000
0
0
0
0
0
0
PD_SEL[1:0]
PEAK_DET_STATL
4Ch
(0000 0000)
PEAK_LEVEL_LEFT[7:0]
PEAK_DET_STATR
4Dh
(0000 0000)
PEAK_LEVEL_RIGHT[7:0]
Automatic Standard Recognition System
AUTO_CTRL
50h
0000 0001
0
0
0
IRQ
SINGLE_SH
OT
DK_DEV[1:0]
LDK_SW
AUTO_SCKM
51h
0000 1111
0
0
0
0
LDK_SCK
I_SCK
BG_SCK
MN_SCK
AUTO_SCKST
52h
0001 1111
LDK_ZWT3
LDK_ZWT2
LDK_SWT1
LDK_NIC
I_NIC
BG_ZWT
BG_NIC
MN_ZWT
AUTO_TIMER
53h
1010 0100
FM_TIME[1:0]
NICAM_TIME[2:0]
ZWEITON_TIME[2:0]
AUTO_STAT
54h
0(000 0000)
ST_ID
STEREO_S
TATE
MONO_STA
TE
AUTO_ON
STEREO_SID[1:0]
MONO_SID[1:0]
Audio Processing
SVC_SEL
59h
0000 0000
0
0
0
0
000
SVC_SW
SVC_CTRL
5Ah
0000 0000
SVC_ON
SVC_TIME[1:0]
SVC_REF[4:0] (S)
LS_SRD_CTRL
5Bh
0000 0000
SRD_ON
0
0
0
0
SRD_SEL
SRD_STER
EO
STS_MODE
LS_STS_GAIN
5Ch
1000 0000
ST_GAIN[7:0]
LS_STS_FREQ
5Dh
00010101
0
0
BASS_FREQ[1:0]
MEDIUM_FREQ[1:0]
TREBLE_FREQ[1:0]
LS_SRS_SPACE
5Eh
1000 0000
SRS_SPACE[7:0] (for Stereo mode only)
LS_SRS_CENTER
5Fh
1000 0000
SRS_CENTER[7:0] (for Stereo mode only)
LS_EQ_CTRL
60h
0000 0000
EQ_ON
0
0
0
0
0
0
R
LS_EQ_BAND1
61h
0000 0000
0
0
0
EQ_BAND1_GAIN[4:0] (S)
LS_EQ_BAND2
62h
0000 0000
0
0
0
EQ_BAND2_GAIN[4:0] (S)
LS_EQ_BAND3
63h
0000 0000
0
0
0
EQ_BAND3_GAIN[4:0] (S)
LS_EQ_BAND4
64h
0000 0000
0
0
0
EQ_BAND4_GAIN[4:0] (S)
LS_EQ_BAND5
65h
0000 0000
0
0
0
EQ_BAND5_GAIN[4:0] (S)
LS_LOUD
66h
0000 0010
LOUD_TH_
ON
LOUD_TH[2:0]
LOUD_
FREQ
LOUD_TH_GHR[2:0]
LS_VOL_CTRL
67h
0000 0001
0
0
0
0
0
0
0
BAL_MODE
LS_CVOL/
LS_VOL_L
68h
1000 0000
CVOL[7:0]
LS_BAL/
LS_VOL_R
69h
0000 0000
BAL[7:0] (S)
SW_GAIN
6Ah
1000 0000
SW_GAIN[5:0]
SW_BAND
6Bh
0000 0011
0
0
0
0
0
SW_FREQ[2:0]
Headphone Channel
HP_BT_CTRL
71h
0000 0000
BT__ON
0
0
00
0
00
HP_BASS_GAIN
72h
0000 0000
0
0
0
BASS_GAIN[4:0] (S)
HP_TREBLE_GAIN
73h
0000 0000
0
0
0
TREBLE_GAIN[4:0] (S)
HP_VOL_CTRL
75h
0000 0001
BAL_MODE
Table 10: List of I²C Registers (Sheet 4 of 5)
Name
Addr.
(Hex)
Reset
Value (Bin)
Register Function and Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com