Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022ITQFP Datasheet(PDF) 22 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 22 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 18Page - SMSC Corporation COM20022ITQFP Datasheet HTML 19Page - SMSC Corporation COM20022ITQFP Datasheet HTML 20Page - SMSC Corporation COM20022ITQFP Datasheet HTML 21Page - SMSC Corporation COM20022ITQFP Datasheet HTML 22Page - SMSC Corporation COM20022ITQFP Datasheet HTML 23Page - SMSC Corporation COM20022ITQFP Datasheet HTML 24Page - SMSC Corporation COM20022ITQFP Datasheet HTML 25Page - SMSC Corporation COM20022ITQFP Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 22
SMSC COM20022I
DATASHEET
DREQ
nWR
DMAEN bit
Writing Address
Pointer Low
minimum 4TARB
TARB is the ARBITRATION Clock Period. It depends on the TOPR and
SLOW-ARB bit. TOPR is the period of operation clock frequency (output
of the clock multiplier). It depends on the CKUP1 and CKUP0 bits.
TARB = TOPR @ SLOW-ARB = 0
TARB = 2 TOPR @ SLOW-ARB = 1
Figure 5.3 - DREQ Pin First Assertion Timing for All DMA Modes
As an example of gating by cycle, in an ISA bus system, the Refresh period is 15
µS. Continuous transfer
by DMA must be less than 15
µS to prevent blocking by the Refresh cycle. A DMA cycle of consecutive
DMA cycles is approximately 1uS. The DMA overhead time is approximately 2.5
µS. The Refresh
execution time is 500nS. This computes to 15
µS - 2.5µS - 500nS = 12µS or 12 cycles. Therefore the
DREQ pin must be negated every 12 cycles. Figure 5.4 illustrates the rough timing of the Programmable-
Burst mode DMA transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com