Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022ITQFP Datasheet(PDF) 37 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 37 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 33Page - SMSC Corporation COM20022ITQFP Datasheet HTML 34Page - SMSC Corporation COM20022ITQFP Datasheet HTML 35Page - SMSC Corporation COM20022ITQFP Datasheet HTML 36Page - SMSC Corporation COM20022ITQFP Datasheet HTML 37Page - SMSC Corporation COM20022ITQFP Datasheet HTML 38Page - SMSC Corporation COM20022ITQFP Datasheet HTML 39Page - SMSC Corporation COM20022ITQFP Datasheet HTML 40Page - SMSC Corporation COM20022ITQFP Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 37
Rev. 08-18-03
DATASHEET
6.3
Bus Control Register
The Bus Control Register is new to the COM20022I. It is an 8-bit read/write register accessed when the
Sub Address Bits SUBAD[2:0] are set up accordingly (see the bit definitions of the Sub Address Register).
This register contains bits for control of the DMA functionality. The DRQPOL bit is used to set the active
polarity of the DREQ pin. The TCPOL bit is used to set the active polarity of TC pin.
The DMAMD[0,1] bits select the data transfer mode of the DMA, either non-burst, burst, Programmable-
Burst by timer or programmable burst by cycle counter.
This transfer mode influences to the timing the DREQ pin. The use of the ITCEN/RTRG bit transfer mode
dependent. ITCEN is the Internal Terminal Counter Enable. It is used to select whether the DMA is
terminated by external TC or by either internal or external TC. ITCEN is for Non-Burst or Burst mode.
RTRG selects the re-trigger mode as either external or internal. It is for the two Programmable-Burst
modes. If RTRG = 0, the deasserted DREQ pin is reasserted on the falling edge of the nREFEX pin. If
RTRG = 1, the deasserted DREQ pin is reasserted by the timeout of the internal timer (350 ns or 750 ns,
as selected by the GTTM bit.) See Figure below.
RTRG=0
nREFEX
350/750ns
DREQ
nDACK
nWR/nRD
RTRG=1
DREQ
nDACK
nWR/nRD
Figure 6.1
- Illustration of the Effect of RTRG Bit on DMA Timing
The use of the TC8/RSYN/GTTM bit is also transfer mode dependent. TC8 is bit 8 of the Terminal Count
register. RSYN is the refresh synchronous bit; it is used to select whether the DMA is started immediately
or after Refresh execution. GTTM is the Gate Time bit; it is used to select the gate time of the
Programmable-Burst transfer.
TC8 is for Non-Burst or Burst mode. RSYN and GTTM are for the two Programmable-Burst modes.
The W16 bit is used to enable/disable the 16 bit access.
6.4
DMA Count Register
The DMA COUNT Register is new to the COM20022I. It is an 8-bit read/write register accessed when the
Sub Address Bits SUBAD[2:0] are set up accordingly (see the bit definitions of the Sub Address Register).
This register contains bits for control of the DMA functionality. The TC7-TC0 /TIM7-TIM0 /CYC7-CYC0
bits have one of three functions depending on the DMA transfer mode. TC7-TC0 are for Non-Burst or
Burst mode. These are the lower 8 bits of the Terminal Count setting register (the MSB is in the Bus
Control Register). The TIM7-TIM0 bits are for setting the time of the continuous DMA transfer in
Programmable-Burst by Timer mode. The CYC7-CYC0 bits are for setting the cycle count value of the
continuous DMA transfer in Programmable-Burst by cycle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com