Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022ITQFP Datasheet(PDF) 79 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 79 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 75Page - SMSC Corporation COM20022ITQFP Datasheet HTML 76Page - SMSC Corporation COM20022ITQFP Datasheet HTML 77Page - SMSC Corporation COM20022ITQFP Datasheet HTML 78Page - SMSC Corporation COM20022ITQFP Datasheet HTML 79Page - SMSC Corporation COM20022ITQFP Datasheet HTML 80Page - SMSC Corporation COM20022ITQFP Datasheet HTML 81Page - SMSC Corporation COM20022ITQFP Datasheet HTML 82Page - SMSC Corporation COM20022ITQFP Datasheet HTML 83Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 79
Rev. 08-18-03
DATASHEET
Chapter 9 Package Outline
Figure 9.1 - COM20022I 48 Pin TQFP Package Outline
Table 9.1 - COM20022I 48 Pin TQFP Package Parameters
MIN
NOMINAL
MAX
REMARK
A
~
~
1.6
Overall Package Height
A1
0.05
0.10
0.15
Standoff
A2
1.35
1.40
1.45
Body Thickness
D
8.80
9.00
9.20
X Span
D/2
4.40
4.50
4.60
1/2 X Span Measure from Centerline
D1
6.90
7.00
7.10
X body Size
E
8.80
9.00
9.10
Y Span
E/2
4.40
4.50
4.60
1/2 Y Span Measure from Centerline
E1
6.90
7.00
7.10
Y body Size
H
0.09
~
0.20
Lead Frame Thickness
L
0.45
0.60
0.75
Lead Foot Length from Centerline
L1
~
1.00
~
Lead Length
e
0.50 Basic
Lead Pitch
θ
0
o
~
7
o
Lead Foot Angle
W
0.17
~
0.27
Lead Width
R1
0.08
~
~
Lead Shoulder Radius
R2
0.08
~
0.20
Lead Foot Radius
ccc
~
~
0.0762
Coplanarity (Assemblers)
ccc
~
~
0.08
Coplanarity (Test House)
Notes:
1.
Controlling Unit: millimeter
2.
Tolerance on the position of the leads is ± 0.04 mm maximum.
3.
Package body dimensions D1 and E1 do not include the mold protrusion. Maximum mold protrusion is 0.25 mm.
4.
Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane is 0.78-1.08 mm.
5.
Details of pin 1 identifier are optional but must be located within the zone indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com