Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022ITQFP Datasheet(PDF) 80 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 80 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 75Page - SMSC Corporation COM20022ITQFP Datasheet HTML 76Page - SMSC Corporation COM20022ITQFP Datasheet HTML 77Page - SMSC Corporation COM20022ITQFP Datasheet HTML 78Page - SMSC Corporation COM20022ITQFP Datasheet HTML 79Page - SMSC Corporation COM20022ITQFP Datasheet HTML 80Page - SMSC Corporation COM20022ITQFP Datasheet HTML 81Page - SMSC Corporation COM20022ITQFP Datasheet HTML 82Page - SMSC Corporation COM20022ITQFP Datasheet HTML 83Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 80 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 80
SMSC COM20022I
DATASHEET
Chapter 10 Appendix A
This appendix describes the function of the NOSYNC and EF bits.
10.1
NOSYNC Bit
The NOSYNC bit controls whether or not the RAM initialization sequence requires the line to be idle by
enabling or disabling the SYNC command during initialization. It is defined as follows:
NOSYNC: Enable/Disable SYNC command during initialization. NOSYNC=0, Enable (Default): the line
has to be idle for the RAM initialization sequence to be written, NOSYNC=1, Disable: the line does not
have to be idle for the RAM initialization sequence to be written.
The following discussion describes the function of this bit:
During initialization, after the CPU writes the Node ID, the COM20022I will write "D1"h data to Address
000h and Node-ID to Address 001h of its internal RAM within 3uS. These values are read as part of the
diagnostic test. If the D1 and Node-ID initialization sequence cannot be read, the initialization routine will
report it as a device diagnostic failure. These writes are controlled by a micro-program which sometimes
waits if the line is active; SYNC is the micro-program command that causes the wait. When the micro-
program waits, the initial RAM write does not occur, which causes the diagnostic error. Thus in this case,
if the line is not idle, the initialization sequence may not be written, which will be reported as a device
diagnostic failure.
However, the initialization sequence and diagnostics of the COM20022I should be independent of the
network status. This is accomplished through some additional logic to decode the program counter,
enabled by the NOSYNC bit. When it finds that the micro-program is in the initialization routine, it disables
the SYNC command. In this case, the initialization will not be held up by the line status.
Thus, by setting the NOSYNC bit, the line does not have to be idle for the RAM initialization sequence to
be written.
10.2
EF Bit
The EF bit controls several modifications to internal operation timing and logic. It is defined as follows:
EF: Enable/Disable the new internal operation timing and logic refinements. EF=0: (Default) Disable the
new internal operation timing (the timing is the same as in the COM20020 Rev. B); EF=1: Enable the new
internal operation timing.
The EF bit controls the following timing/logic refinements in the COM20022I:
a) Extend Interrupt Disable Time
While the interrupt is active (nINTR pin=0), the interrupt is disabled by writing the Clear Tx/Rx interrupt and
Clear Flag command and by reading the Next-ID register. This minimum disable time is changed by the
Data Rate. For example, it is 200nS at 2.5Mbps and 50nS at 10Mbps. The 50nS width will be too short to
for the Interrupt to be seen.
Setting the EF bit will change the minimum disable time to always be more than 200nS even if the Data
Rate is 10Mbps . This is done by changing the clock which is supplied to the Interrupt Disable logic. The
frequency of this clock is always 20MHz even if the data rate is 10Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com