Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022ITQFP Datasheet(PDF) 43 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 43 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 39Page - SMSC Corporation COM20022ITQFP Datasheet HTML 40Page - SMSC Corporation COM20022ITQFP Datasheet HTML 41Page - SMSC Corporation COM20022ITQFP Datasheet HTML 42Page - SMSC Corporation COM20022ITQFP Datasheet HTML 43Page - SMSC Corporation COM20022ITQFP Datasheet HTML 44Page - SMSC Corporation COM20022ITQFP Datasheet HTML 45Page - SMSC Corporation COM20022ITQFP Datasheet HTML 46Page - SMSC Corporation COM20022ITQFP Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 43
Rev. 08-18-03
DATASHEET
Table 6.9 - Configuration Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Reset
RESET
A software reset of the COM20022I is executed by writing a logic
"1" to this bit. A software reset does not reset the microcontroller
interface mode, nor does it affect the Configuration Register. The
only registers that the software reset affect are the Status
Register, the Next ID Register, and the Diagnostic Status
Register. This bit must be brought back to logic "0" to release the
reset.
6
Command
Chaining Enable
CCHEN
This bit, if high, enables the Command Chaining operation of the
device. Please refer to the Command Chaining section for further
details. A low level on this bit ensures software compatibility with
previous SMSC ARCNET devices.
5
Transmit Enable
TXEN
When low, this bit disables transmissions by keeping nPULSE1,
nPULSE2 if in non-Backplane Mode, and nTXEN pin inactive.
When high, it enables the above signals to be activated during
transmissions. This bit defaults low upon reset. This bit is
typically enabled once the Node ID is determined, and never
disabled during normal operation. Please refer to the Improved
Diagnostics section for details on evaluating network activity.
4,3
Extended
Timeout 1,2
ET1, ET2
These bits allow the network to operate over longer distances
than the default maximum 1 mile by controlling the Response,
Idle, and Reconfiguration Times. All nodes should be configured
with the same timeout values for proper network operation. For
the COM20022I with a 20 MHz crystal oscillator, the bit
combinations follow:
ET2
0
0
1
1
ET1
0
1
0
1
Response
Time (
µS)
298.4
149.2
74.7
18.7
Idle Time
(
µS)
328
164
82
20.5
Reconfig
Time
(mS)
420
420
420
210
Note:
These values are for 10Mbps and RCNTMR[1,0]=00.
Reconfiguration time is changed by the RCNTMR1 and
RCNTMR0 bits.
2
Backplane
BACK-
PLANE
A logic "1" on this bit puts the device into Backplane Mode
signaling which is used for Open Drain and Differential Driver
interfaces.
1,0
Sub Address 1,0
SUBAD 1,0
These bits determine which register at address 07 may be
accessed. The combinations are as follows:
SUBAD1
SUBAD0
Register
0
0
Tentative ID
0
1
Node ID
1
0
Setup 1
1
1
Next ID
See also the Sub Address Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com