Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022ITQFP Datasheet(PDF) 8 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 8 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 4Page - SMSC Corporation COM20022ITQFP Datasheet HTML 5Page - SMSC Corporation COM20022ITQFP Datasheet HTML 6Page - SMSC Corporation COM20022ITQFP Datasheet HTML 7Page - SMSC Corporation COM20022ITQFP Datasheet HTML 8Page - SMSC Corporation COM20022ITQFP Datasheet HTML 9Page - SMSC Corporation COM20022ITQFP Datasheet HTML 10Page - SMSC Corporation COM20022ITQFP Datasheet HTML 11Page - SMSC Corporation COM20022ITQFP Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 8
SMSC COM20022I
DATASHEET
Chapter 2 Pin Configuration
COM20022
48 Pin TQFP
1
2
3
4
5
6
7
8
9
10
11
12
AD0
AD1
D10
AD2
D11
D3
VDD
D4
D5
VSS
D6
VSS
13
14
15
16
17
18
19
20
21
22
23
24
25
36
35
34
33
32
31
30
29
28
27
26
nPULSE2
BUSTMG
N/C
RXIN
nTXEN
nRESET
VDD
DREQ
nINTR
nDACK
nCS
VSS
37
38
39
40
41
42
43
44
45
46
47
48
Ordering Information:
PACKAGE TYPE: TQFP
TEMP RANGE: (Blank) = Commercial: 0°C to +70°C
I = Industrial: -40°C to +85°C
DEVICE TYPE: 20022 = Universal Local Area Network Controller
(with 2K x 8 RAM)
COM20022
Figure 2.1 - COM20022I Pin Configuration
COM20022I
48 Pin TQFP
Ordering Information:
COM20022I
PACKAGE TYPE: TQFP
TEMP RANGE: (Blank) = Commercial 0
°C to + 70°
1 = Industrial: -40
°C to +85°C
DEVICE TYPE: 20022I = Universal Local Area Network Controller
(with 2K x 8 RAM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com