Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022ITQFP Datasheet(PDF) 44 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 44 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 40Page - SMSC Corporation COM20022ITQFP Datasheet HTML 41Page - SMSC Corporation COM20022ITQFP Datasheet HTML 42Page - SMSC Corporation COM20022ITQFP Datasheet HTML 43Page - SMSC Corporation COM20022ITQFP Datasheet HTML 44Page - SMSC Corporation COM20022ITQFP Datasheet HTML 45Page - SMSC Corporation COM20022ITQFP Datasheet HTML 46Page - SMSC Corporation COM20022ITQFP Datasheet HTML 47Page - SMSC Corporation COM20022ITQFP Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 44
SMSC COM20022I
DATASHEET
Table 6.10 - Setup 1 Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Pulse1 Mode
P1MODE
This bit determines the type of PULSE1 output driver used in
Backplane Mode. When high, a push/pull output is used. When
low, an open drain output is used. The default is open drain.
6
Four NACKS
FOUR
NACKS
This bit, when set, will cause the EXNACK bit in the Diagnostic
Status Register to set after four NACKs to Free Buffer Enquiry are
detected by the COM20022I. This bit, when reset, will set the
EXNACK bit after 128 NACKs to Free Buffer Enquiry. The default
is 128.
5
Reserved
Do not set.
4
Receive All
RCVALL
This bit, when set, allows the COM20022I to receive all valid data
packets on the network, regardless of their destination ID. This
mode can be used to implement a network monitor with the
transmitter on- or off-line. Note that ACKs are only sent for
packets received with a destination ID equal to the COM20022I's
programmed node ID. This feature can be used to put the
COM20022I in a 'listen-only' mode, where the transmitter is
disabled and the COM20022I is not passing tokens. Defaults low.
3,2,1
Clock Prescaler Bits
3,2,1
CKP3,2,1
These bits are used to determine the data rate of the COM20022I.
The following table is for a 20 MHz crystal: (Clock Multiplier is
bypassed)
CKP3
0
0
0
0
1
CKP2
0
0
1
1
0
CKP1
0
1
0
1
0
DIVISOR
8
16
32
64
128
SPEED
2.5Mbs
1.25Mbs
625Kbs
312.5Kbs
156.25Kbs
Note:
The lowest data rate achievable by the COM20022I is
156.25Kbs. Defaults to 000 or 2.5Mbs. For Clock Multiplier
output clock speed greater than 20 MHz, CKP3, CKP2 and
CKP1 must all be zero.
0
Slow Arbitration
Select
SLOWARB
This bit, when set, will divide the arbitration clock by 2. Memory
cycle times will increase when slow arbitration is selected.
Note:
For clock multiplier output clock speeds greater than 40
MHz, SLOWARB must be set. Defaults to low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com