Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022ITQFP Datasheet(PDF) 63 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 63 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 59Page - SMSC Corporation COM20022ITQFP Datasheet HTML 60Page - SMSC Corporation COM20022ITQFP Datasheet HTML 61Page - SMSC Corporation COM20022ITQFP Datasheet HTML 62Page - SMSC Corporation COM20022ITQFP Datasheet HTML 63Page - SMSC Corporation COM20022ITQFP Datasheet HTML 64Page - SMSC Corporation COM20022ITQFP Datasheet HTML 65Page - SMSC Corporation COM20022ITQFP Datasheet HTML 66Page - SMSC Corporation COM20022ITQFP Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 63
Rev. 08-18-03
DATASHEET
Figure 8.4
- Multiplexed Bus, 80XX-Like Control Signals; Write Cycle
AD0-AD2,
VALID
nCS
t1
t3
ALE
VALID DATA
t2,
t6
t5
t4
t7
D3-D15
Note 2
t8**
nWR
t9
t10
nRD
t13
t11
t12
t8
nIOCS16
Previous Value
Invalid
Valid Value
t14
Note 3
t15
Parameter
min
max
units
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
t12
t13
t14
t15
20
10
10
10
15
10
4TARB
*
20
20
20
20
20
0
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
Address Setup to ALE Low
Address Hold from ALE Low
nCS Setup to ALE Low
nCS Hold from ALE Low
ALE Low to nDS Low
Valid Data Setup to nDS High
Data Hold from nDS High
30
ALE High Width
ALE Low Width
nWR Low Width
nWR High Width
nRD
to nWR Low
nIOCS16 Hold Delay from ALE Low
nIOCS16 Output Delay from ALE Low
Cycle Time (nWR
to Next
)**
MUST BE: BUSTMG pin = HIGH
40
TARB is the Arbitration Clock Period
TARB is identical to Topr if SLOW ARB = 0
*
TARB is twice Topr if SLOW ARB = 1
Topr is the period of operation clock. It depends on CKUP1 and CKUP0 bits
The Microcontroller typically accesses the COM20022 on every other cycle.
Therefore, the cycle time specified in the microcontroller's datasheet
should be doubled when considering back-to-back COM20022 cycles.
Note 1:
Any cycle occurring after a write to Address Pointer Low Register requires a
minimum of 4TARB from the trailing edge of nWR to the leading edge of the
next nWR.
Note 2:
**
Write cycle for Address Pointer Low Register occurring after a write to Data
Register requires a minimum of 5TARB from the trailing edge of nWR to the
leading edge of the next nWR.
Notes 2 and 3 are applied to an access to Data Register by DMA transfer.
Note 3:
Write cycle for Address Pointer Low Register occurring after a read from Data
Register requires a minimum of 5TARB from the trailing edge of nRD to the
leading edge of nWR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com