Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022ITQFP Datasheet(PDF) 77 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 77 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 73Page - SMSC Corporation COM20022ITQFP Datasheet HTML 74Page - SMSC Corporation COM20022ITQFP Datasheet HTML 75Page - SMSC Corporation COM20022ITQFP Datasheet HTML 76Page - SMSC Corporation COM20022ITQFP Datasheet HTML 77Page - SMSC Corporation COM20022ITQFP Datasheet HTML 78Page - SMSC Corporation COM20022ITQFP Datasheet HTML 79Page - SMSC Corporation COM20022ITQFP Datasheet HTML 80Page - SMSC Corporation COM20022ITQFP Datasheet HTML 81Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 77
Rev. 08-18-03
DATASHEET
Table 8.1 - DMA Timing
PARAMETER
MIN
TYP
MAX
UNIT
NOTE
t1
nDACK Inactive Pulse Width
30
ns
t2
The First DREQ Assertion Delay After Writing Low
Pointer
4 Tarb
5
Tarb
5Tarb
+40ns
Note 1
t3
DREQ Assert Delay from nREFEX Active at
Programmable Burst Transfer Mode
0
40
ns
Note 3
t4
DREQ Assertion Delay from Write/Read Inactive at Non-
Burst Transfer Mode
0
40
ns
Note 4
t5
GTTM
bit =0
7Txtl
8Txtl
+40ns
Note 2
DREQ Assertion Delay from nDACK
Inactive due to Timeout of Gate Timer
at Programmable Burst Transfer Mode
GTTM bit=1
15Txtl
16Txtl
+40ns
t6
DREQ Negation Delay from Write/Read Active
0
40
ns
Note 4
t7
DREQ Negation Delay from TC and Write/Read Active
0
40
ns
Note 4
t8
Data Access Time from Read Active
40
ns
Note 4
t9
Data Float Delay from Read Inactive
0
20
ns
Note 4
t10
nREFEX Active Pulse Width
20
ns
t11
Write Active Pulse Width
CASE 1W
20
ns
Note
4,5
CASE 2W
65
ns
t12
Read Active Pulse Width
CASE 1R
60
ns
Note
4,5
CASE 2R
100
ns
t13
Active Pulse Overlap Width between TC and Write/Read
20
ns
Note 4
CASE1w/1R
20
ns
t14
Write/Read Inactive Pulse Width
CASE2w/2R
30
ns
Note
4,5
t15
Write Cycle Interval Period
4Tarb
Note
1,4
CASE1R
4Tarb
t16
Read Cycle Interval Period
CASE2R
4Tarb+3
0nS
Note
1,4,5
t17
Data Setup to Write Inactive
30
ns
Note 4
t18
Data Hold From Write Inactive
10
ns
Note 4
t19
nCS High Setup to nDACK Active
20
ns
t20
nCS High Hold from nDACK Inactive
20
ns
t21
DREQ Active Setup to nDACK Active
20
ns
t22
DIR Setup to nDS Low (Motorola mode only)
10
ns
t23
DIR Hold from nDS High (Motorola mode only)
10
ns
t24
nDACK Setup to Write/Read Active
30
ns
Note 4
t25
nDACK Hold After Write/Read Inactive
5
ns
Note 4
t26
nREFEX Inactive Time
3Txtl
Note 2
Notes:
1.
Tarb is the ARBITRATION CLOCK PERIOD. It depends on Topr and SLOWARB bit.
SLOWARB must set to “1” if the data rate is over 5 Mbps. (i.e. 10 Mbps)
Tarb is Topr at SLOWARB=0 and Tarb is 2Topr at SLOWARB=1.
Topr is the period of Operation Clock Frequency. It depends on the CKUP1 and CKUP0 bits.
2.
Txtl is a period of external XTAL oscillation frequency.
3.
The nREFEX pin must not be Low while nDACK is Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com