Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022ITQFP Datasheet(PDF) 74 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 74 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 70Page - SMSC Corporation COM20022ITQFP Datasheet HTML 71Page - SMSC Corporation COM20022ITQFP Datasheet HTML 72Page - SMSC Corporation COM20022ITQFP Datasheet HTML 73Page - SMSC Corporation COM20022ITQFP Datasheet HTML 74Page - SMSC Corporation COM20022ITQFP Datasheet HTML 75Page - SMSC Corporation COM20022ITQFP Datasheet HTML 76Page - SMSC Corporation COM20022ITQFP Datasheet HTML 77Page - SMSC Corporation COM20022ITQFP Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 74
SMSC COM20022I
DATASHEET
t1
t3
Parameter
Input Clock High Time
Input Clock Period*
min
20
50
max
units
nS
nS
XTAL1
t1
t4
Input Clock Frequency*
100
t2
Input Clock Low Time
nS
t3
20
typ
10
t2
20
MHz
t5
Frequency Accuracy*
-200
200
ppm
Note*: Input clock frequency must be 20 MHz ( 100ppm or better) to use the internal Clock Multiplier.
+-
t4 and t5 are applied to crystal oscillaton.
4.0V
1.0V
50% of VDD
Figure 8.15
- TTL Input Timing on XTAL1 Pin
t1
Parameter
nRESET Pulse Width***
min
max
units
nRESET
t1
t2
nINTR High to Next nINTR Low
typ
t2
nINTR
5TXTL*
EF = 0
EF = 1
TDR**/2
4TXTL*
Note*: TXTL is period of external XTAL oscillation frequency.
Note**: TDR is period of Data Rate (i.e. at 2.5 Mbps, TDR = 400 nS)
Note***: When the power is turned on, t1 is measured from stable XTAL
oscillation after VDD was over 4.5V.
Figure 8.16
- Reset and Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com